Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04G-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30R04G-TR
Description  Low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04G-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30R04G-TR Datasheet HTML 1Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 2Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 3Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 4Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 5Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 6Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 7Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 8Page - STMicroelectronics STTH30R04G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH30R04
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.9 x IF(AV) + 0.01 x IF
2
(RMS)
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC / DO-247 / D2PAK
1.15
°C/W
DOP3I
1.9
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25° C
VR = VRRM
15
µA
Tj = 100° C
3
30
Tj = 125° C
15
150
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25° C
IF = 15 A
1.26
V
Tj = 150° C
0.8
1.0
Tj = 25° C
IF = 30 A
1.45
Tj = 100° C
1.3
Tj = 150° C
0.97
1.2
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -200 A/µs,
VR = 30 V, Tj = 25° C
24
35
ns
IF = 1 A, dIF/dt = -15 A/µs,
VR = 30 V, Tj = 25° C
78
100
IF = 1 A, IR = 1 A,
IRR = 0.25 A, Tj = 25° C
50
IRM
Reverse recovery current
IF = 30 A, dIF/dt = -200 A/µs,
VR = 160 V, Tj = 125° C
10
14
A
tfr
Forward recovery time
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
500
ns
VFP
Forward recovery voltage
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com