Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3257QS Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74FST3257QS
Description  Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3257QS Datasheet(HTML) 5 Page - ON Semiconductor

  74FST3257QS Datasheet HTML 1Page - ON Semiconductor 74FST3257QS Datasheet HTML 2Page - ON Semiconductor 74FST3257QS Datasheet HTML 3Page - ON Semiconductor 74FST3257QS Datasheet HTML 4Page - ON Semiconductor 74FST3257QS Datasheet HTML 5Page - ON Semiconductor 74FST3257QS Datasheet HTML 6Page - ON Semiconductor 74FST3257QS Datasheet HTML 7Page - ON Semiconductor 74FST3257QS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74FST3257
http://onsemi.com
5
VI
VOL
VOL + 0.3 V
tPLH
tPLH
VOL
VOH
VOH − 0.3 V
tPHZL
tf = 2.5 nS
90 %
1.5 V
10 %
10 %
1.5 V
90 %
tf = 2.5 nS
tPZL
tPZL
OUTPUT
1.5 V
OUTPUT
1.5 V
GND
3.0 V
tPZH
ENABLE
INPUT
tf = 2.5 nS
90 %
1.5 V
1.5 V
90 %
10 %
10 %
1.5 V
1.5 V
VOH
GND
3.0 V
SWITCH
INPUT
tf = 2.5 nS
CL*
FROM
OUTPUT
UNDER
TEST
Figure 4. AC Test Circuit
Figure 5. Propagation Delays
AC Loading and Waveforms
NOTES:
1. Input driven by 50
W source terminated in 50 W.
2. CL includes load and stray capacitance.
*CL = 50 pF
500
W
500
W
Figure 6. Enable/Disable Delays
OUTPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com