Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9261 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9261 Datasheet HTML 9Page - Analog Devices AD9261 Datasheet HTML 10Page - Analog Devices AD9261 Datasheet HTML 11Page - Analog Devices AD9261 Datasheet HTML 12Page - Analog Devices AD9261 Datasheet HTML 13Page - Analog Devices AD9261 Datasheet HTML 14Page - Analog Devices AD9261 Datasheet HTML 15Page - Analog Devices AD9261 Datasheet HTML 16Page - Analog Devices AD9261 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD9261
Rev. 0 | Page 12 of 28
84
83
82
81
80
79
78
77
116
14
12
10
9
825
24
21
20
18
17
15
42
34
32
30
28
PLL DIVIDE RATIO
2.4MHz
8.4MHz
Figure 20. Single-Tone SNR vs. PLL Divide Ratio
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
OUTPUT CODE
Figure 21. INL with fIN = 2.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com