Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9284-250EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9284-250EBZ
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284-250EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9284-250EBZ Datasheet HTML 9Page - Analog Devices AD9284-250EBZ Datasheet HTML 10Page - Analog Devices AD9284-250EBZ Datasheet HTML 11Page - Analog Devices AD9284-250EBZ Datasheet HTML 12Page - Analog Devices AD9284-250EBZ Datasheet HTML 13Page - Analog Devices AD9284-250EBZ Datasheet HTML 14Page - Analog Devices AD9284-250EBZ Datasheet HTML 15Page - Analog Devices AD9284-250EBZ Datasheet HTML 16Page - Analog Devices AD9284-250EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD9284
Data Sheet
Rev. A | Page 12 of 24
EQUIVALENT CIRCUITS
AVDD
1.2V
AVDD
CLK+
AVDD
CLK–
10kΩ
10kΩ
Figure 13. Clock Inputs
AVDD
VIN+
BUF
AVDD
VIN–
BUF
BUF
AVDD
VCML
~1.4V
8kΩ
8kΩ
Figure 14. Analog Inputs (VCML = ~1.4 V)
DRVDD
DRVDD
DRVDD
CSB
350Ω
30kΩ
Figure 15. CSB
DRVDD
DRVDD
SCLK, OE,
AUXCLKEN
350Ω
30kΩ
Figure 16. SCLK, OE
DRVDD
SDIO
30kΩ
CTRL
350Ω
Figure 17. SDIO
DRVDD
D7– TO D0–
D7+ TO D0+
V+
V–
V–
V+
Figure 18. LVDS Output Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com