Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD2523 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTD2523
Description  Zoom scaling up and down
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTD2523 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTD2523 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTD2523 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
Realtek
RTD2523/2513
21
4.9 The Programmable Schmitt Trigger of HSYNC
To get better waveform of the input HSYNC, we have a programmable Schmitt Trigger circuit.
For different HSYNC amplitude and polarity, we can select different setting of the threshold voltage.
The Vt
+ and the V
t
- can be selected by register 0xED.
We can select the old mode or the new mode. When using the new mode we can directly
determine the positive threshold voltage (1.4V, 1.6V… 2.6V), and we can choose the distance from
the Vt
+ to determine the V
t
- (0.6V, 0.8V, 1.0V, 1.2V). We also can finely tune the voltage by minus
0.1V. For application, we can select different threshold voltage by the polarity of the HSYNC. The
control register is 0xED.
Figure 18 The Schmitt Trigger Behavior Diagram
4.10 Crystal Frequency Output
RTD can output crystal frequency or half crystal frequency to external MCU to save a crystal
device. After power on, RTD latch the state of PLL_TEST2 pin to determine which frequency to
output, and the result shows in TCON register address 0x00[0]. 0 is for half of crystal frequency and
1 is for crystal frequency. When power on, crystal frequency output to TCON12 and TCON13.
Hence, crystal-in pin of external MCU can connect to TCON12 or TCON13. Firmware can turn off
the signal output of other pin, and the control register is in TCON register 0x00[1] and 0x00[2].
4.11 Pin Out Configuration
RTD supports TTL, LVDS and RSDS output interface. After power on, display port is high
impedance. Firmware can set its control register in TCON address 0x03[7:6] to select output
interface. Refer to Pin Out Diagram for output pin definition.
RSDS interface
Vt
-
Vt
+
Input HSYNC
Output HSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com