Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8325 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8325
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325 Datasheet(HTML) 2 Page - Analog Devices

  AD8325 Datasheet HTML 1Page - Analog Devices AD8325 Datasheet HTML 2Page - Analog Devices AD8325 Datasheet HTML 3Page - Analog Devices AD8325 Datasheet HTML 4Page - Analog Devices AD8325 Datasheet HTML 5Page - Analog Devices AD8325 Datasheet HTML 6Page - Analog Devices AD8325 Datasheet HTML 7Page - Analog Devices AD8325 Datasheet HTML 8Page - Analog Devices AD8325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8325–SPECIFICATIONS (T
A = 25 C, VS = 5 V, RL = 75
, VIN (differential) = 31 dBmV, VOUT measured through
a 1:1 transformer1 with an insertion loss of 0.5 dB @ 10 MHz unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 61 dBmV, Max Gain
31
dBmV
Noise Figure
Max Gain, f = 10 MHz
13.8
dB
Input Resistance
Single-Ended Input
800
Ω
Differential Input
1600
Ω
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Gain Range
58.45 59.45
60.45
dB
Maximum Gain
Gain Code = 79 Dec
29.2
30.0
30.8
dB
Minimum Gain
Gain Code = 0 Dec
–30.25 –29.45
–28.65
dB
Gain Scaling Factor
0.7526
dB/LSB
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
100
MHz
Bandwidth Roll-Off
f = 65 MHz
1.6
dB
Bandwidth Peaking
f = 65 MHz
0
dB
Output Noise Spectral Density
Max Gain, f = 10 MHz
–33
dBmV in
160 kHz
Min Gain, f = 10 MHz
–48
dBmV in
160 kHz
Transmit Disable Mode, f = 10 MHz
–68
dBmV in
160 kHz
1 dB Compression Point
Max Gain, f = 10 MHz
18.5
dBm
Differential Output Impedance
Transmit Enable and Transmit Disable Modes
75
± 20%
Ω
OVERALL PERFORMANCE
Second Order Harmonic Distortion
f = 21 MHz, VOUT = 61 dBmV @ Max Gain
–70
dBc
f = 42 MHz, VOUT = 61 dBmV @ Max Gain
–67
dBc
f = 65 MHz, VOUT = 61 dBmV @ Max Gain
–60
dBc
Third Order Harmonic Distortion
f = 21 MHz, VOUT = 61 dBmV @ Max Gain
–57
dBc
f = 42 MHz, VOUT = 61 dBmV @ Max Gain
–55
dBc
f = 65 MHz, VOUT = 61 dBmV @ Max Gain
–54
dBc
Adjacent Channel Power
Adjacent Channel Width = Transmit Channel
–53.8
dBc
Width = 160 KSYM/SEC
Gain Linearity Error
f = 10 MHz, Code to Code
±0.3
dB
Output Settling
Due to Gain Change (TGS)
Min to Max Gain
60
ns
Due to Input Change
Max Gain, VIN = 31 dBmV
30
ns
Isolation in Transmit Disable Mode
Max Gain, TXEN = 0 V, f = 42 MHz,
–33
dBc
VIN = 31 dBmV
POWER CONTROL
Transmit Enable Settling Time (TON)
Max Gain, VIN = 0 V
300
ns
Transmit Disable Settling Time (TOFF) Max Gain, VIN = 0 V
40
ns
Between Burst Transients
2
Equivalent Output = 31 dBmV
3
mV p-p
Equivalent Output = 61 dBmV
50
mV p-p
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Transmit Enable Mode (TXEN = 1)
123
133
140
mA
Transmit Disable Mode (TXEN = 0)
30
35
10
mA
Sleep Mode
2
4
7
mA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1TOKO 617DB-A0070 used for above specifications. MACOM ETC-1-IT-15 can be substituted.
2Between Burst Transients measured at the output of a 42 MHz diplexer.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com