Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331-EVAL Datasheet(PDF) 21 Page - Analog Devices

Part # AD8331-EVAL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331-EVAL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8331-EVAL Datasheet HTML 17Page - Analog Devices AD8331-EVAL Datasheet HTML 18Page - Analog Devices AD8331-EVAL Datasheet HTML 19Page - Analog Devices AD8331-EVAL Datasheet HTML 20Page - Analog Devices AD8331-EVAL Datasheet HTML 21Page - Analog Devices AD8331-EVAL Datasheet HTML 22Page - Analog Devices AD8331-EVAL Datasheet HTML 23Page - Analog Devices AD8331-EVAL Datasheet HTML 24Page - Analog Devices AD8331-EVAL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD8331/AD8332
Rev. C | Page 21 of 32
Gain control noise is a concern in very low noise applications.
Thermal noise in the gain control interface can modulate the
channel gain. The resultant noise is proportional to the output
signal level and usually only evident when a large signal is
present. Its effect is observable only in LO gain mode, where the
noise floor is substantially lower. The gain interface includes an
on-chip noise filter, which reduces this effect significantly at
frequencies above 5 MHz. Care should be taken to minimize
noise impinging at the GAIN input. An external RC filter may
be used to remove VGAIN source noise. The filter bandwidth
should be sufficient to accommodate the desired control
bandwidth.
Common-Mode Biasing
An internal bias network connected to a midsupply voltage
establishes common-mode voltages in the VGA and postamp.
An externally bypassed buffer maintains the voltage. The bypass
capacitors form an important ac ground connection, since the
VCM network makes a number of important connections
internally, including the center tap of the VGA’s differential
input attenuator, the feedback network of the VGA’s fixed gain
amplifier, and the feedback network of the postamplifier in both
gain settings. For best results, use a 1 nF and a 0.1 µF capacitor
in parallel, with the 1 nF nearest to Pin VCM. Separate VCM
pins are provided for each channel. For dc-coupling to a 3 V
ADC, the output common-mode voltage is adjusted to 1.5 V by
biasing the VCM pin.
POSTAMPLIFIER
The final stage has a selectable gain of 3.5 dB or 15.5 dB, set by
the logic Pin HILO. These correspond to linear gains of 1.5 or 6.
A simplified block diagram of the postamplifier is shown in
Figure 64.
Separate feedback attenuators implement the two gain settings.
These are selected in conjunction with an appropriately scaled
input stage to maintain a constant 3 dB bandwidth between the
two gain modes (~150 MHz). The slew rate is 1200 V/µs in HI
gain mode and 300 V/µs in LO gain mode. The feedback
networks for HI and LO gain modes are factory trimmed to
adjust the absolute gains of each channel.
Noise
The topology of the postamplifier provides constant input-
referred noise with the two gain settings and variable output-
referred noise. The output-referred noise in HI gain mode
increases (with gain) by four. This setting is recommended
when driving converters with higher noise floors. The extra gain
boosts the output signal levels and noise floor appropriately.
When driving circuits with lower input noise floors, the LO gain
mode optimizes the output dynamic range.
Gm2
+
–
Gm1
VOH
VOL
VCM
Gm1
Gm2
F1
F2
Figure 64. Postamplifier Block Diagram
Although the quantization noise floor of an ADC depends on a
number of factors, the 48 nV/√Hz and 178 nV/√Hz levels are
well suited to the average requirements of most 12-bit and
10-bit converters, respectively. An additional technique,
described in the Applications section, can extend the noise floor
even lower for possible use with 14-bit ADCs.
Output Clamping
Outputs are internally limited to a level of 4.5 V p-p differential
when operating at a 2.5 V common-mode voltage. The postamp
implements an optional output clamp engaged through a
resistor from RCLMP to ground. Table shows a list of
recommended resistor values.
Output clamping can be used for ADC input overload
protection, if needed, or postamp overload protection when
operating from a lower common-mode level, such as 1.5 V. The
user should be aware that distortion products increase as output
levels approach the clamping levels and should adjust the clamp
resistor accordingly. Also, see the Applications section.
The accuracy of the clamping levels is approximately ±5% in LO
or HI mode. Figure 65 illustrates the output characteristics for a
few values of RCLMP.
–3
–2
VINH (V)
0
–1
0.5
2
13
1.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0
5.0
8.8k
Ω
3.5k
Ω
RCLMP = ∞
RCLMP = 1.86kΩ
Figure 65. Output Clamping Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com