Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5030RR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS5030RR
Description  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS5030RR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS5030RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5030RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TM
Virtual Components for the Converging World
Optimized for
Amphion continues to expand its family of application-specific cores
1
See http://www.amphion.com for a current list of products
CS5010-40
DES/3DES Encryption/Decryption Cores
The CS5010-CS5040 DES/3DES Encryption/Decryption cores are designed to achieve data privacy in digital
broadband, wireless, and multimedia systems. These high performance application specific silicon cores support
the Data Encryption Standard (also referred as Data Encryption Algorithm) as described in the NIST Federal
Information Processing Standard 46-3. They offer an efficient means of providing both DES and Triple DES
encryption and decryption in one core in order to rapidly construct complete security solutions. The DES/3DES
family of cores are available in both ASIC and programmable logic versions that have been hand crafted by
Amphion to deliver high performance while minimizing power consumption and silicon area.
Figure 1: Example of a Secure Audio/Video Based Remote Patient Monitoring System Using DES/3DES
Patient
Room
Camera
MPEG-2
Encoder
Security
Gateway
High Speed
DES/3DES
Encoder
Nurse
Station
PC
MPEG-2
Decoder
Security
Gateway
High Speed
DES/3DES
Decoder
10/100-Base
T-Hub
ENCRYPTION CORE FEATURES
Table 1: CS5010-40 Features at a Glance
CS5010
Ultra Compact
CS5020
Compact
CS5030
High
Speed
CS5040
Ultra HIgh
Speed
Fully compliant with DES NIST FIPS 46-3
•
•
•
•
DES and Triple DES Support
•
•
•
•
32-bit I/O
•
•
•
128-bit I/O
•
28-bit Key Input Port
•
•
•
56-bit Key Input Port
•
EDE2 and EDE3 Triple DES
(112- or 168-bit key length)
•
•
•
•


Similar Part No. - CS5030RR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5030RR ETC1-CS5030RR Datasheet
219Kb / 8P
DES/3DES Encryption/Decryption Cores
More results

Similar Description - CS5030RR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7862CD ETC1-TH7862CD Datasheet
735Kb / 6P
TABLEAU RESUME DES DTC MATRICIELS
CS5010 ETC1-CS5010 Datasheet
219Kb / 8P
DES/3DES Encryption/Decryption Cores
logo
Harris Corporation
KGV-72 HARRIS-KGV-72 Datasheet
2Mb / 2P
TYPE-1 PROGRAMMABLE ENCRYPTION DEVICE
logo
STMicroelectronics
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
AES 128-bit encryption hardware accelerator
11-Feb-2016
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
AES-128 bit encryption hardware accelerator
18-Mar-2016
logo
PHOENIX CONTACT
5603719 PHOENIX-5603719 Datasheet
76Kb / 3P
VLC-DES-P
5604472 PHOENIX-5604472 Datasheet
45Kb / 2P
License - VLC-OEM-DES-P
5605646 PHOENIX-5605646 Datasheet
76Kb / 3P
VLC-DES-USB
5605670 PHOENIX-5605670 Datasheet
46Kb / 2P
License - VLC-OEM-DES-USB
logo
Nanjing International G...
B5817PL DGNJDZ-B5817PL_V01 Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Dio des
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com