Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV017D Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29LV017D
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV017D Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29LV017D Datasheet HTML 17Page - Advanced Micro Devices AM29LV017D Datasheet HTML 18Page - Advanced Micro Devices AM29LV017D Datasheet HTML 19Page - Advanced Micro Devices AM29LV017D Datasheet HTML 20Page - Advanced Micro Devices AM29LV017D Datasheet HTML 21Page - Advanced Micro Devices AM29LV017D Datasheet HTML 22Page - Advanced Micro Devices AM29LV017D Datasheet HTML 23Page - Advanced Micro Devices AM29LV017D Datasheet HTML 24Page - Advanced Micro Devices AM29LV017D Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
20
Am29LV017D
Command Definitions
Table 8.
Am29LV017D Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses are latched on the falling edge of the WE# or CE#
pulse.
PD = Data to be programmed at location PA. Data is latched
on the rising edge of WE# or CE# pulse.
SA = Address of the sector to be erased or verified. Address
bits A20–A16 uniquely select any sector.
Notes:
1. See Table 1 for descriptions of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus
cycles are write operations.
4. Address bits are don’t care for unlock and command
cycles, except when PA or SA is required.
5. No unlock or command cycles required when device is in
read mode.
6. The Reset command is required to return to the read
mode when the device is in the autoselect mode or if DQ5
goes high.
7. The fourth cycle of the autoselect command sequence is
a read cycle.
8. The data is 00h for an unprotected sector and 01h for a
protected sector.
9. Command is valid when device is ready to read array data
or when device is in autoselect mode.
10. The Unlock Bypass command is required prior to the
Unlock Bypass Program command.
11. The Unlock Bypass Reset command is required to return
to reading array data when the device is in the Unlock
Bypass mode.
12. The system may read and program functions in non-
erasing sectors, or enter the autoselect mode, when in the
Erase Suspend mode. The Erase Suspend command is
valid only during a sector erase operation.
13. The Erase Resume command is valid only during the
Erase Suspend mode.
Command Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Auto-
select
(Note 7)
Manufacturer ID
4
XXX
AA
XXX
55
XXX
90
X00
01
Device ID
4
XXX
AA
XXX
55
XXX
90
X01
C8
Sector Protect
Verify (Note 8)
4
XXX
AA
XXX
55
XXX
90
SA
X02
00
XXX
XXX
XXX
01
CFI Query (Note 9)
1
55
98
Byte Program
4
XXX
AA
XXX
55
XXX
A0
PA
PD
Unlock Bypass
3
XXX
AA
XXX
55
XXX
20
Unlock Bypass Program
(Note 9)
2
XXX
A0
PA
PD
Unlock Bypass Reset
(Note 11)
2
XXX
90
XXX
00
Chip Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
XXX
10
Sector Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
SA
30
Erase Suspend (Note 12)
1
XXX
B0
Erase Resume (Note 13)
1
XXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com