Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA10708 Datasheet(PDF) 1 Page - Cree, Inc

Part # FA10708
Description  Rose series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FA10708 Datasheet(HTML) 1 Page - Cree, Inc

  FA10708 Datasheet HTML 1Page - Cree, Inc FA10708 Datasheet HTML 2Page - Cree, Inc FA10708 Datasheet HTML 3Page - Cree, Inc FA10708 Datasheet HTML 4Page - Cree, Inc FA10708 Datasheet HTML 5Page - Cree, Inc FA10708 Datasheet HTML 6Page - Cree, Inc FA10708 Datasheet HTML 7Page - Cree, Inc FA10708 Datasheet HTML 8Page - Cree, Inc FA10708 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT DATASHEET
Rose series
last update 3/10/2016
DETAILS
Product Number
FA10708_CXP-W
Family
Rose
Type
Assembly
Color
black
Diameter
21,6 + 21,6 mm
Height
13,15 mm
Style
square
Optic Material
PC
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
3/10/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
31 deg
Wide
79 %
1.630
-
XP-G
41 deg
Wide
77 %
1.180
-
XP-L
48 deg
Wide
74 %
1.000
-
H35C0 (LEMWA33)
50 deg
Wide
74 %
1.000
-
Z5
42 deg
Wide
79 %
-
-
June 16th 2017 4:02 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10708

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10708 LEDIL-FA10708 Datasheet
5Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with black holder.
FA10708 LEDIL-FA10708_18 Datasheet
5Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with black holder.
More results

Similar Description - FA10708

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11839 CREE-CA11839 Datasheet
409Kb / 8P
Rose series
CA13623 CREE-CA13623 Datasheet
150Kb / 3P
Rose series
FA11909 CREE-FA11909 Datasheet
79Kb / 3P
Rose series
FA11911 CREE-FA11911 Datasheet
411Kb / 6P
Rose series
FA12620 CREE-FA12620 Datasheet
265Kb / 6P
Rose series
FA10665 CREE-FA10665 Datasheet
580Kb / 9P
Rose series
FA10667 CREE-FA10667 Datasheet
554Kb / 9P
Rose series
FA11153 CREE-FA11153 Datasheet
99Kb / 2P
Rose series
FCA15008 CREE-FCA15008 Datasheet
372Kb / 5P
Rose series
FCA15009 CREE-FCA15009 Datasheet
370Kb / 6P
Rose series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com