Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2004 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP2004
Description  PWM Buck Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2004 Datasheet(HTML) 5 Page - Anachip Corp

  AP2004 Datasheet HTML 1Page - Anachip Corp AP2004 Datasheet HTML 2Page - Anachip Corp AP2004 Datasheet HTML 3Page - Anachip Corp AP2004 Datasheet HTML 4Page - Anachip Corp AP2004 Datasheet HTML 5Page - Anachip Corp AP2004 Datasheet HTML 6Page - Anachip Corp AP2004 Datasheet HTML 7Page - Anachip Corp AP2004 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP2004
PWM Buck Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.4 Apr 6, 2004
5/8
Typical Application Circuit
L1
33uH
R1
R2
C3
470uF
Output
Step-Down DC/DC converter
C2
10nF
Optional
Vcc = 12V
P mos
Q1
C6 220nF
C5 50nF
C4 270pF
9K
3K
C1
470uF
5A
R3 10K~100K
C4
50nF
Optional
Typical Characteristics
REFERENCE OUTPUT VOLTAGE
v.s.
POWER-SUPPLY VOLTAGE
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
4
8
12
16
20
24
28
Vcc-Power Supply Voltage (V)
AVERAGE SUPPLY CURRENT
v.s.
POWER-SUPPLY VOLTAGE
0
1
2
3
4
5
0
4
8
121620
2428
Vcc - Power-Supply Voltgae (V)
AVERAGE SUPPLY CURRENT
v.s.
AMBIENT TEMPERATRUE
2
3
4
5
6
7
-50
-25
0
25
50
75
100
TA - Ambient Temperatrure(℃)
VCT v.s. Frequency
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
100
200
300
Frequency (KHz)
VCT(min)
VCT(max)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com