Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9470FN Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC9470FN
Description  Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9470FN Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC9470FN Datasheet HTML 9Page - Toshiba Semiconductor TC9470FN Datasheet HTML 10Page - Toshiba Semiconductor TC9470FN Datasheet HTML 11Page - Toshiba Semiconductor TC9470FN Datasheet HTML 12Page - Toshiba Semiconductor TC9470FN Datasheet HTML 13Page - Toshiba Semiconductor TC9470FN Datasheet HTML 14Page - Toshiba Semiconductor TC9470FN Datasheet HTML 15Page - Toshiba Semiconductor TC9470FN Datasheet HTML 16Page - Toshiba Semiconductor TC9470FN Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TC9470FN
2002-02-27
13
10.2.1 Setting Mode 1
Serial setting mode 1 is enabled when D12 = “L”.
(1)
Digital attenuator
The digital attenuation command is enabled when D12 = L. The attenuation data can be set in
4096 different ways (coefficient: 12 bit, maximum attenuation: −72.245dB). The relationship with
the command’s output is shown below.
Table 9 Attenuation Data/Audio Data Output
Attenuation Data
AT [11:00]
Audio Output
FFFH
−0.000dB
FFEH
−0.002dB
FFBH
−0.004dB
···
···
C80H
−2.142dB
···
···
640H
−8.163dB
···
···
002H
−66.224dB
001H
−72.245dB
000H
−∞
001 (HEX) to FFE (HEX): The attenuation value is obtained with the following equation.
ATT = 20 ℓog (input data/4095) dB
Example: When the attenuation data is EA0H
ATT = 20 ℓog (4000/4095) dB = −0.204dB
If an input level is set to −48dB or less when it is set as the amount (−72.245dB) of the maximum
attenuation, the target effective attenuation data of digital attenuator of TC9470FN will be lost. The
output data is set to “0” when an input level is set to −48dB or less. An effective input level is
decided by the following formula.
Effective input data = −[120dB + Attenuation level (dB)]
10.2.2 Setting Mode 2
Serial setting mode 2 is enabled when D12 = “H” and D11 = “L”.
(1)
Digital de-emphasis filter
Controlled with EMP.
Table 10 Digital De-Emphasis Filter Setting
EMP
L
H
De-emphasis filter
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com