Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS300DA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS300DA
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300DA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AS300DA Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300DA Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300DA Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300DA Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300DA Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300DA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Typical Applications
15 V
9.1k
15k
20k
AS431
AS300
500
2N2907
Figure 10
Figure 11
Linear Fan Controller
Linear Fan Controller
Thermostat
Fahrenheit Thermometer
Ð
+
LM358
Ð
+
LM358
Ð
+
LM339
Adjust R1 to set 0
°F reading (120k)
Adjust R2 to set 100
°F reading (2.7k)
R2
R1
AS1004-1.2
100
µA Full Scale
Analog Meter
130k
AS300
9 V
5k
M
12 VDC, 120 mA
Brushless Fan
1.2 V
120k
91k
10k
10k
AS300
34k
IRF233
AS300
1 nF
Figure 12
Figure 13
R3
R1
R2
V
CC
M
12 VDC, 120 mA
Brushless Fan
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com