Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLFD600 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 17Page - Texas Instruments TLFD600 Datasheet HTML 18Page - Texas Instruments TLFD600 Datasheet HTML 19Page - Texas Instruments TLFD600 Datasheet HTML 20Page - Texas Instruments TLFD600 Datasheet HTML 21Page - Texas Instruments TLFD600 Datasheet HTML 22Page - Texas Instruments TLFD600 Datasheet HTML 23Page - Texas Instruments TLFD600 Datasheet HTML 24Page - Texas Instruments TLFD600 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, analog power supplies = 3.3 V, digital power supplies = 3.3 V,
AVDD_DRIVER = 12 V, fCLKIN = 35.328 MHz (unless otherwise noted) (continued)
TX channel (TX line driver is not included)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low pass filter
FMR [D4] = 0
133
138
143
kHz
Signal bandwidth
Low-pass filter
FMR [D4] = 1
121
125
129
kHz
High-pass filter
25.875
kHz
MTPR
1. 4.3125kHz spaced tones from 25.875 to 138 kHz
2. 81.9375 kHz tone is missing
70
dB
Group delay distortion
10
µs
PAA gain step error
–0.5
0.5
dB
PSRR
See Note 2
–70
dB
Out-of-band noise
See Note 3
– 150
dBm/Hz
NOTES:
2. Inject single tone signal (267.375 kHz) at 200 mVp-p to analog power supplies and measure 267.375 kHz tones at RX output.
3. Send multitone signal (25.875 to 138 kHz at 4.3125 kHz/step) at full scale output level and measure signal level beyond 276 kHz
at TXOUTP/M.
TX driver (AVDD_DRIVER = 12 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage swing
Input signal is 138 kHz @ 3 VP-P differential at
DRIVERINP/M, RL = 50 Ω
18.2
VP-P
Output current
220
Output short circuit
protection current limit
300
mA
TSNR
Input 3 VP-P differential @ 138 kHz at DRIVERINP/M
85
dB
DRIVERINP/M
Input impedance
600
Ω
VCXO DAC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
DNL
Differential nonlinearity
±1
LSB
INL
Integral nonlinearity
±4
LSB
Monotonicity
12
Bits
Offset error
–100
100
mV
Output compliance voltage
Maximum code input with load = 50 k
Ω
3
V
Output load
50
k
Ω
power dissipation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog (TX line driver is not included)
All AVDD = 3.3 V
620
695
mW
Digital
All DVDD = 3.3 V
150
165
mW
Fully operational without TX line driver
770
860
mW
TX Driver
Quiescent, AVDD_DRIVER = 12 V
510
570
mW
TX Driver
– 47 dBm/Hz DMT signal (PAR = 17 dB) on 50
-
Ω load,
(AVDD_DRIVER = 12 V)
610
690
mW
Fully operational with driver
1380
1530
mW
H/W power down
160
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com