Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2004SLA Datasheet(PDF) 6 Page - Anachip Corp

Part # AP2004SLA
Description  PWM Buck Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2004SLA Datasheet(HTML) 6 Page - Anachip Corp

  AP2004SLA Datasheet HTML 1Page - Anachip Corp AP2004SLA Datasheet HTML 2Page - Anachip Corp AP2004SLA Datasheet HTML 3Page - Anachip Corp AP2004SLA Datasheet HTML 4Page - Anachip Corp AP2004SLA Datasheet HTML 5Page - Anachip Corp AP2004SLA Datasheet HTML 6Page - Anachip Corp AP2004SLA Datasheet HTML 7Page - Anachip Corp AP2004SLA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP2004
PWM Buck Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.4 Apr 6, 2004
6/8
Typical Characteristics (Continued)
OSCILLATOR FREQUENCY
v.s.
TIMING CAPACITANCE
0
50
100
150
200
250
300
350
100
600 1100 1600 2100 2600 3100 3600 4100 4600 5100 5600 6100 6600
CT-Timing Capacitor (pF)
SCP TIME-OUT PERIOD
v.s.
SCP CAPACITANCE
0
5
10
15
20
25
30
35
45 90 135 180 225 270 315 360 405 450 495
Cscp - SCP Capacitance (nF)
SOFT-START TIME (Ts)
v.s.
SOFT-START CAPACITOR (Css)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
200
Css (nF)
Marking Information
(Top View)
PDIP/SOP
AC
AP2004
YY WW X X
Logo
Part No.
ID code
Year: "01" =2001
"02" =2002
Xth week: 01~52
5
8
4
1
Blank: normal
L: Lead Free Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com