Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170WS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS170WS
Description  Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS170WS Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS170WS Datasheet HTML 1Page - Vishay Siliconix BAS170WS Datasheet HTML 2Page - Vishay Siliconix BAS170WS Datasheet HTML 3Page - Vishay Siliconix BAS170WS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
BAS170WS
Document Number 85653
Rev. 1.2, 18-Nov-03
Vishay Semiconductors
www.vishay.com
1
17431
Schottky Diodes
Features
• Schottky diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
Mechanical Data
Case: SOD-323 Plastic Package
Weight: approx. 4 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Marking
Remarks
BAS170WS
BAS170WS-GS18 or BAS170WS-GS08
73
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
70
V
Forward continuous current
Tamb = 25 °C
IF
70
mA
Surge forward current
tp < 1 s, Tamb = 25 °C
IFSM
600
mA
Power dissipation1)
Tamb = 25 °C
Ptot
200
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air1)
RθJA
650
°C/W
Junction temperature
Tj
150
°C
Operating temperature range
Tamb
- 55 to + 125
°C
Storage temperature range
TS
- 55 to +150
°C


Similar Part No. - BAS170WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAS170WS KEXIN-BAS170WS Datasheet
38Kb / 1P
Schottky Diodes
logo
Vishay Siliconix
BAS170WS VISHAY-BAS170WS Datasheet
85Kb / 3P
Small Signal Schottky Diode
01-Jun-17
BAS170WS-E3-08 VISHAY-BAS170WS-E3-08 Datasheet
72Kb / 4P
Small Signal Schottky Diode
25-Feb-13
BAS170WS-E3-18 VISHAY-BAS170WS-E3-18 Datasheet
72Kb / 4P
Small Signal Schottky Diode
25-Feb-13
BAS170WS-G VISHAY-BAS170WS-G Datasheet
75Kb / 3P
Small Signal Schottky Diode
14-Oct-16
More results

Similar Description - BAS170WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com