Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF30DB80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF30DB80
Description  Isolated Mounting Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF30DB80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF30DB80 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF30DB80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF30DB40/80
DIODE(THREE PHASES BRIDGE TYPE)
52.0
8.5
2-φ4.3×5.3
φ1.65
6.35
0.8
5-TAB250
R6
10.0 10.0
43.3
11.3
Unit
:a
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DF30DB40
400
500
DF30DB80
800
900
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Output current (D.C.)
Conditions
Ratings
Unit
A
ID
Three phase. full wave. TC
=83℃
30
IFSM
Surge Forward Current
1 cycle, 50/60HZ, peak value, non-repetitive
365/400
A
Tj
Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Main Terminal to case 1minute
2000
V
Mounting Torque
(M4)
Mass
Recommended Value 1.0
-1.4(10-14)
1.5
(15)
N
・m
(㎏f・B)
g
Typical Value
32
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
Tj
=150℃ at VRRM
Ratings
1.5
1.1
1.0
Unit
mA
VFM
Forward Voltage Drop, max.
IFM
=30A, Tj=25℃ Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
+
_
∼
∼
∼
Power Diode Module DF30DB is designed for three phase full wave rectification, which
has six diodes connected in a three phase bridge configuration. The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction output DC current is 30Amp (Tc=83
℃) Repetitive peak reverse voltage is up
to 800V.
●
TjMax=150
℃
●
Isolated Mounting Base
●
High reliability by unique glass passivation
●
Easy Assemble by the #250 terminal Tab
(Applications)
AC. DC Motor Drive/AVR/Switching
―for three phase rectification


Similar Part No. - DF30DB80

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DF30DB80 LRC-DF30DB80 Datasheet
423Kb / 3P
High Current Glass Passivated Molding Three -Phase Bridge Rectifier
More results

Similar Description - DF30DB80

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0326 BULGIN-FX0326 Datasheet
79Kb / 1P
Base Mounting, PC1
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
Electrically Isolated Base Plate
MBR2X060A180 GENESIC-MBR2X060A180 Datasheet
323Kb / 3P
Electrically Isolated Base Plate
MBR2X080A100 GENESIC-MBR2X080A100 Datasheet
326Kb / 3P
Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
Electrically Isolated Base Plate
logo
Vishay Siliconix
VS-T40HF VISHAY-VS-T40HF Datasheet
268Kb / 11P
Electrically isolated base plate
20-Dec-16
VS-VSK.250PBF VISHAY-VS-VSK.250PBF Datasheet
333Kb / 13P
Electrically isolated base plate
28-May-14
logo
Pepperl+Fuchs Inc.
VAZ-TUBE-BASE-70MM PF-VAZ-TUBE-BASE-70MM Datasheet
350Kb / 1P
Stack light mounting base
logo
NHP Electrical Engineer...
5094-MB NHP-5094-MB Datasheet
498Kb / 1P
FLEX 5000 MOUNTING BASE
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com