Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC16064 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16064 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  HPC16064 Datasheet HTML 1Page - National Semiconductor (TI) HPC16064 Datasheet HTML 2Page - National Semiconductor (TI) HPC16064 Datasheet HTML 3Page - National Semiconductor (TI) HPC16064 Datasheet HTML 4Page - National Semiconductor (TI) HPC16064 Datasheet HTML 5Page - National Semiconductor (TI) HPC16064 Datasheet HTML 6Page - National Semiconductor (TI) HPC16064 Datasheet HTML 7Page - National Semiconductor (TI) HPC16064 Datasheet HTML 8Page - National Semiconductor (TI) HPC16064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Total Allowable Source or Sink Current
100 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
VCC with Respect to GND
b
05V to 70V
All Other Pins
(VCC a 05)V to (GND b 05)V
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics
VCC
5V g10% TA
0 Cto a70 C for HPC4606446004 b40 Cto a85 C for HPC3606436004 b40 Cto a105 C for
HPC2606426004 b55 Cto a125 C for HPC1606416004
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Supply Current
VCC
55V fin
30 MHz (Note 1)
65
mA
VCC
55V fin
20 MHz (Note 1)
47
mA
VCC
55V fin
20 MHz (Note 1)
10
mA
ICC2
IDLE Mode Current
VCC
55V fin
30 MHz (Note 1)
5
mA
VCC
55V fin
20 MHz (Note 1)
30
mA
VCC
55V fin
20 MHz (Note 1)
1
mA
ICC3
HALT Mode Current
VCC
55V fin
0 kHz (Note 1)
300
m
A
VCC
25V fin
0 kHz (Note 1)
100
m
A
INPUT VOLTAGE LEVELS FOR SCHMITT TRIGGERED INPUTS RESET NMI AND WO AND ALSO CKI
VIH1
Logic High
09 VCC
V
VIL1
Logic Low
01 VCC
V
ALL OTHER INPUTS
VIH2
Logic High
07 VCC
V
VIL2
Logic Low
02 VCC
V
ILI1
Input Leakage Current
VIN
0 and VIN
VCC
g
2
m
A
ILI2
Input Leakage Current RDYHLD EXUI
VIN
0
b
3
b
50
m
A
ILI3
Input Leakage Current B12
RESET
0 VIN
VCC
05
7
m
A
CI
Input Capacitance
(Note 2)
10
pF
CIO
IO Capacitance
(Note 2)
20
pF
OUTPUT VOLTAGE LEVELS
VOH1
Logic High (CMOS)
IOH
b
10 mA (Note 2)
VCC b 01
V
VOL1
Logic Low (CMOS)
IOH
10 mA (Note 2)
01
V
VOH2
Port AB Drive CK2
IOH
b
7 mA
24
V
VOL2
(A0–A15 B10 B11 B12 B15)
IOL
3 mA
04
V
VOH3
Other Port Pin Drive WO (open
IOH
b
16 mA (except WO)
24
V
VOL3
drain) (B0–B9 B13 B14 P0–P3)
IOL
05 mA
04
V
VOH4
ST1 and ST2 Drive
IOH
b
6 mA
24
V
VOL4
IOL
16 mA
04
V
VOH5
Port AB Drive (A0–A15 B10 B11 B12 B15) When
IOH
b
1 mA
24
V
Used as External AddressData Bus
VOL5
IOL
3 mA
04
V
VRAM
RAM Keep-Alive Voltage
(Note 3)
25
VCC
V
IOZ
TRI-STATE Leakage Current
VIN
0 and VIN
VCC
g
5
m
A
Note 1
ICC1 ICC2 ICC3 measured with no external drive (IOH and IOL
0 IIH and IIL
0) ICC1 is measured with RESET
VSS ICC3 is measured with NMI
VCC CKI driven to VIH1 and VIL1 with rise and fall times less than 10 ns
Note 2
This is guaranteed by design and not tested
Note 3
Test duration is 100 ms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com