Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC16004 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16004
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16004 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button HPC16004 Datasheet HTML 18Page - National Semiconductor (TI) HPC16004 Datasheet HTML 19Page - National Semiconductor (TI) HPC16004 Datasheet HTML 20Page - National Semiconductor (TI) HPC16004 Datasheet HTML 21Page - National Semiconductor (TI) HPC16004 Datasheet HTML 22Page - National Semiconductor (TI) HPC16004 Datasheet HTML 23Page - National Semiconductor (TI) HPC16004 Datasheet HTML 24Page - National Semiconductor (TI) HPC16004 Datasheet HTML 25Page - National Semiconductor (TI) HPC16004 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MICROWIREPLUS (Continued)
TLDD11372 22
FIGURE 24 MICROWIREPLUS
MICROWIREPLUS Operation
The HPC46064 can enter the MICROWIREPLUS mode as
the master or a slave A control bit in the IRCD register
determines whether the HPC46064 is the master or slave
The shift clock is generated when the HPC46064 is config-
ured as a master An externally generated shift clock on the
SK pin is used when the HPC46064 is configured as a slave
When the HPC46064 is a master the DIVBY register pro-
grams the frequency of the SK clock The DIVBY register
allows the SK clock frequency to be programmed in 14 se-
lectable binary steps or T3 underflow from 153 Hz to
125 MHz with CKI at 200 MHz
The contents of the SIO register may be accessed through
any of the memory access instructions Data waiting to be
transmitted in the SIO register is clocked out on the falling
edge of the SK clock Serial data on the SI pin is clocked in
on the rising edge of the SK clock
MICROWIREPLUS Application
Figure 25 illustrates a MICROWIREPLUS arrangement for
an automotive application The microcontroller-based sys-
tem could be used to interface to an instrument cluster and
various parts of the automobile The diagram shows two
HPC46064 microcontrollers interconnected to other MI-
CROWIRE peripherals HPC46064
1 is set up as the mas-
ter and initiates all data transfers HPC46064
2 is set up
as a slave answering to the master
The master microcontroller interfaces the operator with the
system and could also manage the instrument cluster in an
automotive application Information is visually presented to
the operator by means of an LCD display controlled by the
COP472 display driver The data to be displayed is sent
serially to the COP472 over the MICROWIREPLUS link
Data such as accumulated mileage could be stored and re-
trieved from the EEPROM COP494 The slave HPC46064
could be used as a fuel injection processor and generate
timing signals required to operate the fuel valves The mas-
ter processor could be used to periodically send updated
values to the slave via the MICROWIREPLUS link To
speed up the response chip select logic is implemented by
connecting an output from the master to the external inter-
rupt input on the slave
TLDD11372 23
FIGURE 25 MICROWIREPLUS Application
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com