Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS300VST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS300VST
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300VST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS300VST Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300VST Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300VST Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300VST Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300VST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300VST Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Functional Block Diagram
Pin Function Description
Pin Number
TO, SOT
SOIC
Function
Description
1
1
GND (S)
Optional sense pin ground, otherwise tie to substrate pin GND (F).
2
2
GND (F)
Signal ground and circuit substrate.
3
6
V
TEMP (F)
Output voltage proportional to temperature. V
TEMP is nominally 3.00 V
at 27¡C (300 K) and increases at 10 mV/¡C.
Ð
5
V
TEMP (S)
Optional sense pin for V
TEMP. Available on the 8L SOIC package only.
Tie pin to V
TEMP (F) if not using force/sense metering.
10 mV/
°C
GND
V
TEMP
+
+
–
–
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Current
I
REF
20
mA
Continuous Power Dissipation at 25¡C
P
D
TO-92
775
mW
SOT-223
1250
mW
8L SOIC
750
mW
SOT-23/3L
200
mW
Junction Temperature
T
J
150
¡C
Operating Temperature
Ð40 to 125
¡C
Storage Temperature
T
STG
Ð65 to 150
¡C
Lead Temp, Soldering 10 Seconds
T
L
300
¡C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com