Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS300D7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS300D7
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300D7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS300D7 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Typical Performance Curves
Figure 2
Figure 4
Figure 3
Figure 5
–50
–25
250
300
350
400
(K)
0
25
50
75
100
125
(
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
T – Temperature
Output Voltage
I
K = 2 mA
0.01
0.1
1.0
10
100
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
Forward Characteristics
T
J = 27°C
IF – Forward Current (µA)
8L SOIC
TO-92
SOT-223
0
4
8
12
16
20
24
Time (s)
120
100
80
60
40
20
0
Thermal Response by Package in Still Air
0
2
4
6
8
10
12
120
100
80
60
40
20
0
8L SOIC
TO-92
SOT-223
Time (s)
Thermal Response by Package in a Stirred Oil Bath



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com