Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F508 Datasheet(PDF) 48 Page - Microchip Technology

Part # 12F508
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 Datasheet(HTML) 48 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 44Page - Microchip Technology 12F508 Datasheet HTML 45Page - Microchip Technology 12F508 Datasheet HTML 46Page - Microchip Technology 12F508 Datasheet HTML 47Page - Microchip Technology 12F508 Datasheet HTML 48Page - Microchip Technology 12F508 Datasheet HTML 49Page - Microchip Technology 12F508 Datasheet HTML 50Page - Microchip Technology 12F508 Datasheet HTML 51Page - Microchip Technology 12F508 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
PIC12F508/509/16F505
DS41236A-page 46
Preliminary
 2004 Microchip Technology Inc.
7.3.2
MCLR ENABLE
This configuration bit, when unprogrammed (left in the
‘1’ state), enables the external MCLR function. When
programmed, the MCLR function is tied to the internal
VDD and the pin is assigned to be a I/O. See Figure 7-7.
FIGURE 7-7:
MCLR SELECT
7.4
Power-on Reset (POR)
The PIC12F508/509/16F505 devices incorporate an
on-chip
Power-on
Reset
(POR)
circuitry,
which
provides an internal chip Reset for most power-up
situations.
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper oper-
ation. To take advantage of the internal POR, program
the (GP3/RB3)/MCLR/VPP pin as MCLR and tie
through a resistor to VDD, or program the pin as (GP3/
RB3). An internal weak pull-up resistor is implemented
using a transistor (refer to Table 10-2 for the pull-up
resistor ranges). This will eliminate external RC compo-
nents usually needed to create a Power-on Reset. A
maximum
rise time for
VDD is
specified.
See
Section 10.0 “Electrical Characteristics” for details.
When the devices start normal operation (exit the
Reset condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the devices
must be held in Reset until the operating parameters
are met.
A simplified block diagram of the on-chip Power-on
Reset circuit is shown in Figure 7-8.
The Power-on Reset circuit and the Device Reset
Timer (see Section 7.5 “Device Reset Timer (DRT)”)
circuit are closely related. On power-up, the Reset latch
is set and the DRT is reset. The DRT timer begins
counting once it detects MCLR to be high. After the
time-out period, which is typically 18 ms, it will reset the
Reset latch and thus end the on-chip Reset signal.
A power-up example where MCLR is held low is shown
in Figure 7-9. VDD is allowed to rise and stabilize before
bringing MCLR high. The chip will actually come out of
Reset TDRT msec after MCLR goes high.
In Figure 7-10, the on-chip Power-on Reset feature is
being used (MCLR and VDD are tied together or the pin
is programmed to be (GP3/RB3). The VDD is stable
before the Start-up timer times out and there is no prob-
lem in getting a proper Reset. However, Figure 7-11
depicts a problem situation where VDD rises too slowly.
The time between when the DRT senses that MCLR is
high and when MCLR and VDD actually reach their full
value, is too long. In this situation, when the start-up
timer times out, VDD has not reached the VDD (min)
value and the chip may not function correctly. For such
situations, we recommend that external RC circuits be
used to achieve longer POR delay times (Figure 7-10).
For additional information, refer to Application Notes
AN522 “Power-Up Considerations” (DS00522) and
AN607 “Power-up Trouble Shooting” (DS00607).
(GP3/RB3)/MCLR/VPP
MCLRE
Internal MCLR
GPWU/RBWU
Note:
When the devices start normal operation
(exit the Reset condition), device operat-
ing parameters (voltage, frequency, tem-
perature, etc.) must be met to ensure
operation. If these conditions are not met,
the device must be held in Reset until the
operating conditions are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com