Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS300LP13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS300LP13
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300LP13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS300LP13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300LP13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300LP13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300LP13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300LP13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300LP13 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Typical Performance Curves
Figure 6
Figure 8
Figure 7
Figure 9
0
1
2
V
TEMP – Output Voltage (V)
3
4
0
0.25
0.50
0.75
1.00
1.25
1.50
Operating Characteristics
100
°C
27
°C
0
°C
0
1
2
V
TEMP – Output Voltage (V)
3
4
0
100
10
1.0
1k
10k
Operating Characteristics
100
°C
27
°C
0
°C
0.01
0.1
1.0
10
10
1k
1k
100
10
1.0
0.1
0.01
f – Frequency (kHz)
T
J = 27°C
I
K = 2 mA
Dynamic Impedance
0
25
50
500
600
4
3
2
1
0
5
0
INPUT
V
IN
1k
V
OUT
T
J = 27°C
OUTPUT
t – Time (
µs)
Transient Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com