Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF844 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGF844
Description  GSM800 EDGE power module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGF844 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGF844 Datasheet HTML 1Page - NXP Semiconductors BGF844 Datasheet HTML 2Page - NXP Semiconductors BGF844 Datasheet HTML 3Page - NXP Semiconductors BGF844 Datasheet HTML 4Page - NXP Semiconductors BGF844 Datasheet HTML 5Page - NXP Semiconductors BGF844 Datasheet HTML 6Page - NXP Semiconductors BGF844 Datasheet HTML 7Page - NXP Semiconductors BGF844 Datasheet HTML 8Page - NXP Semiconductors BGF844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2003 Jun 06
2
Philips Semiconductors
Product specification
GSM800 EDGE power module
BGF844
FEATURES
• Typical GSM EDGE performance at a supply voltage of
26 V:
– Output power = 2.5 W
– Gain = 30 dB
– Efficiency = 16%
– ACPR <
−65 dBc at 400 kHz
– rms EVM < 0.4%
– peak EVM < 1.2%
• Low distortion to a GSM EDGE signal
• Excellent 2-tone performance
• Low die temperature due to copper flange
• Integrated temperature compensated bias
• 50 Ω input/output impedance
• Flat gain over frequency band.
APPLICATIONS
• Base station RF power amplifiers in the 869 to 894 MHz
frequency range
• GSM, GSM EDGE, multi carrier applications
• Macrocell (driver stage) and Microcell (final stage).
DESCRIPTION
23 W LDMOS power amplifier module for base station
amplifier applications in the 869 to 894 MHz band.
PINNING - SOT365C
PIN
DESCRIPTION
1
RF input
2VS
3
RF output
Flange
ground
23
1
Top view
MBL257
Fig.1 Simplified outline.
QUICK REFERENCE DATA
Typical RF performance at Tmb =25 °C.
Note
1. ACPR 400 kHz at 30 kHz resolution bandwidth.
MODE OF OPERATION
f
(MHz)
VS
(V)
PL
(W)
Gp
(dB)
η
(%)
ACPR
(dBc)
rms EVM
(%)
CW
869 to 894
26
23
29
50
−−
GSM EDGE
869 to 894
26
2.5
30
16
−65(1)
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com