Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4441CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL4441CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4441CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL4441CS Datasheet HTML 3Page - Elantec Semiconductor EL4441CS Datasheet HTML 4Page - Elantec Semiconductor EL4441CS Datasheet HTML 5Page - Elantec Semiconductor EL4441CS Datasheet HTML 6Page - Elantec Semiconductor EL4441CS Datasheet HTML 7Page - Elantec Semiconductor EL4441CS Datasheet HTML 8Page - Elantec Semiconductor EL4441CS Datasheet HTML 9Page - Elantec Semiconductor EL4441CS Datasheet HTML 10Page - Elantec Semiconductor EL4441CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Typical Performance Curves
Contd
AV ea1 RL e 500X F e 358 MHz
and Phase Errors vs Input Offset
EL4421 EL4441 and EL4443 Differential Gain
4421 20
AV ea2 RL e 150X F e 358 MHz
and Phase Error vs Input Offset
EL4422 EL4442 and EL4444 Differential Gain
4421 21
AV ea1 F e 358 MHz VOFFSET e 0
x0714V
and Phase Error vs Load Resistance
EL4421 EL4441 and EL4443 Differential Gain
4421 22
vs Load Resistance
EL4443 and EL4444 Open Loop Gain
4421 23
with Supply Voltage
Change in VOS AV and IB
4421 24
and AV vs Temperature
Change in VOS IB
4421 25
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com