Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4443CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL4443CS
Description  Multiplexed-Input Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4443CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL4443CS Datasheet HTML 8Page - Elantec Semiconductor EL4443CS Datasheet HTML 9Page - Elantec Semiconductor EL4443CS Datasheet HTML 10Page - Elantec Semiconductor EL4443CS Datasheet HTML 11Page - Elantec Semiconductor EL4443CS Datasheet HTML 12Page - Elantec Semiconductor EL4443CS Datasheet HTML 13Page - Elantec Semiconductor EL4443CS Datasheet HTML 14Page - Elantec Semiconductor EL4443CS Datasheet HTML 15Page - Elantec Semiconductor EL4443CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Applications Information
Contd
Capacitive loads will cause peaking in the fre-
quency response If capacitive loads must be driv-
en a small-valued series resistor can be used to
isolate it 12
X to 51X should suffice A 22X series
resistor will limit peaking to 25 dB with even a
220 pF load
Input Connections
The input transistors can be driven from resistive
and capacitive sources but are capable of oscilla-
tion when presented with an inductive input It
takes about 80 nH of series inductance to make
the inputs actually oscillate equivalent to four
inches of unshielded wiring or about 6
of unter-
minated input transmission line The oscillation
has a characteristic frequency of 500 MHz
Often simply placing one’s finger (via a metal
probe) or an oscilloscope probe on the input will
kill the oscillation Normal high-frequency con-
struction obviates any such problems where the
input source is reasonably close to the mux-amp
input If this is not possible one can insert series
resistors of around 51
X to de-Q the inputs
Feedback Connections
A feedback divider is used to increase circuit
gain and some precautions should be observed
The first is that parasitic capacitance at the
in-
put will add phase lag to the feedback path and
increase frequency response peaking or even
cause oscillation One solution is to choose feed-
back resistors whose parallel value is low The
pole frequency of the feedback network should be
maintained above at least 200 MHz Fora3pF
parasitic this requires that the feedback divider
have less than 265
X impedance equivalent to
two 510
X resistors when a gain of a2 is desired
Alternatively a small capacitor across RF can be
used to create more of a frequency-compensated
divider The value of the capacitor should match
the parasitic capacitance at the
input It is also
practical to place small capacitors across both the
feedback resistors (whose values maintain the de-
sired gain) to swamp out parasitics For instance
two 10 pF capacitors across equal divider resis-
tors will dominate parasitic effects and allow a
higher divider resistance
The other major concern about the divider con-
cerns unselected-channel crosstalk The differen-
tial input impedance of each input stage is
around 200 K
X The unselected input’s signal
sources thus drive current through that input im-
pedance into the feedback divider inducing an
unwanted output The gain from unselected in-
put to output the crosstalk attenuation if RF
RIN In unity-gain connection the feedback resis-
tor is 0
X and very little crosstalk is induced For
a gain of a2 the crosstalk is about
60 dB
Feedthrough Attenuation
The channels have different crosstalk levels with
different inputs Here is the typical attenuation
for all combinations of inputs for the mux-amps
at 358 MHz
Feedthrough of EL4441 and EL4443 at 358 MHz
In1
In2
In3
In4
Inputs
Select
A1A0
00
Selected
b
77 dB
b
90 dB
b
92 dB
01
b
80 dB
Selected
b
77 dB
b
90 dB
10
b
101 dB
b
76 dB
Selected
b
66 dB
11
b
96 dB
b
84 dB
b
66 dB
Selected
Feedthrough of EL4421 at 358 MHz
In1
In2
Channel Select
0
Selected
b
88 dB
Input A0
1
b
93 dB
Selected
Switching Glitches
The output of the mux-amps produces a small
‘‘glitch’’ voltage in response to a logic input
change A peak amplitude of only about 90 mV
occurs and the transient settles out in 20 ns The
glitch does not change amplitude with different
gain settings
With the four-input multiplexers when two logic
inputs are simultaneously changed
the glitch
amplitude doubles The increase can be a avoided
by keeping transitions at least 6 ns apart This
can be accomplished by inserting one gate delay
in one of the two logic inputs when they are truly
synchronous
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com