Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP100LC-8
Description  TELECOM EQUIPMENT PROTECTION: TRISIL?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-8 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP100LC-8 Datasheet HTML 1Page - STMicroelectronics SMP100LC-8 Datasheet HTML 2Page - STMicroelectronics SMP100LC-8 Datasheet HTML 3Page - STMicroelectronics SMP100LC-8 Datasheet HTML 4Page - STMicroelectronics SMP100LC-8 Datasheet HTML 5Page - STMicroelectronics SMP100LC-8 Datasheet HTML 6Page - STMicroelectronics SMP100LC-8 Datasheet HTML 7Page - STMicroelectronics SMP100LC-8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMP100LC-xxx
5/8
1
2
5
10
20
50
100
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VR(V)
C [VR] / C [VR=2V]
Tj=25°C
F=1MHz
VRMS=1V
Fig. 7: Relative variation of junction capacitance
versus reverse voltage applied (typical values).
100 V / µs, di/dt < 10 A / µs, Ipp = 100 A
1 kV / µs, di/dt < 10 A / µs, Ipp = 10 A
U
U
10 µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46 µH
60 µF
26 µH
12
Ω
250
Ω
46 µH
47
Ω
KeyTek 'System 2' generator with PN246I module
KeyTek 'System 2' generator with PN246I module
TEST CIRCUIT 1 FOR DYNAMIC IBO AND VBO PARAMETERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com