Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP100LC-25
Description  TELECOM EQUIPMENT PROTECTION: TRISIL?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-25 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP100LC-25 Datasheet HTML 1Page - STMicroelectronics SMP100LC-25 Datasheet HTML 2Page - STMicroelectronics SMP100LC-25 Datasheet HTML 3Page - STMicroelectronics SMP100LC-25 Datasheet HTML 4Page - STMicroelectronics SMP100LC-25 Datasheet HTML 5Page - STMicroelectronics SMP100LC-25 Datasheet HTML 6Page - STMicroelectronics SMP100LC-25 Datasheet HTML 7Page - STMicroelectronics SMP100LC-25 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
SMP100LC-xxx
®
July 2002 - Ed: 8C
TELECOM EQUIPMENT PROTECTION: TRISIL™
s
Bidirectional crowbar protection
s
Voltage range from 8V to 262V
s
Low capacitance from 30 pF to 45pF typ @ 50V
s
Low leakage current : IR =2
µA max
s
Holding current: IH = 150 mA min
s
Repetitive peak pulse current :
IPP = 100 A (10/1000µs)
FEATURES
The
SMP100LC-xxx
series
is
a
low
capacitance transient surge arrestor designed
for
the
protection
of
high
debit
rate
communication equipment. Its low capacitance
avoids any distortion of the signal and is
compatible with digital line cards (xDSL,
T1/E1, ISDN...).
DESCRIPTION
SCHEMATIC DIAGRAM
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
s
Analog and digital line cards
(xDSL, T1/ E1, ISDN...)
s
Terminals (phone, fax, modem...) and central of-
fice equipment
MAIN APPLICATIONS
Trisils are not subject to ageing and provide a fail safe mode in short circuit for a better protection. They are
used to help equipment to meet main standards such as UL1950, IEC950 / CSA C22.2 and UL1459. They
have UL94 V0 approved resin. SMB package is JEDEC registered (DO-214AA). Trisils are UL497B
approved (file: E136224) and comply with the following standards GR-1089 Core, ITU-T-K20/K21,
VDE0433, VDE0878, IEC61000-4-5 and FCC part 68.
BENEFITS
SMB
(JEDEC DO-214AA)


Similar Part No. - SMP100LC-25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-25 STMICROELECTRONICS-SMP100LC-25 Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP100LC-25 STMICROELECTRONICS-SMP100LC-25 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
More results

Similar Description - SMP100LC-25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com