Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-35 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP100LC-35
Description  TELECOM EQUIPMENT PROTECTION: TRISIL?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-35 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP100LC-35 Datasheet HTML 1Page - STMicroelectronics SMP100LC-35 Datasheet HTML 2Page - STMicroelectronics SMP100LC-35 Datasheet HTML 3Page - STMicroelectronics SMP100LC-35 Datasheet HTML 4Page - STMicroelectronics SMP100LC-35 Datasheet HTML 5Page - STMicroelectronics SMP100LC-35 Datasheet HTML 6Page - STMicroelectronics SMP100LC-35 Datasheet HTML 7Page - STMicroelectronics SMP100LC-35 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMP100LC-xxx
4/8
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
50
60
70
t(s)
ITSM(A)
F=50Hz
Fig. 1: Non repetitive surge peak on-state current
versus overload duration (Tj initial = 25 °C).
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(°C)
IH[Tj] / IH[Tj=25°C]
Fig. 3: Relative variation of holding current versus
junction temperature .
-25
0
25
50
75
100
125
0.96
0.98
1.00
1.02
1.04
1.06
1.08
Tj(°C)
VBO[Tj] / VBO[Tj=25°C]
Fig. 4: Relative variation of breakover voltage versus
junction temperature.
25
50
75
100
125
1
10
100
1000
2000
Tj(°C)
IRM[Tj] / IRM[Tj=25°C]
VRM > 50V
VRM < 50V
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1
10
100
tp(s)
Zth(j-a)(°CW)
Fig. 6: Variation of thermal impedance junction to
ambient versus pulse duration (Printed circuit board
FR4, SCu=35
µm, recommended pad layout).
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1
10
50
VT(V)
IT(A)
Tj=25°C
Fig. 2: On-state voltage versus on-state current
(typical values)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com