Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321H Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM321H
Description  Precision Preamplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM321H Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM321H Datasheet HTML 2Page - National Semiconductor (TI) LM321H Datasheet HTML 3Page - National Semiconductor (TI) LM321H Datasheet HTML 4Page - National Semiconductor (TI) LM321H Datasheet HTML 5Page - National Semiconductor (TI) LM321H Datasheet HTML 6Page - National Semiconductor (TI) LM321H Datasheet HTML 7Page - National Semiconductor (TI) LM321H Datasheet HTML 8Page - National Semiconductor (TI) LM321H Datasheet HTML 9Page - National Semiconductor (TI) LM321H Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Frequency Compensation
UNIVERSAL COMPENSATION
The additional gain of the LM321 preamplifier when used
with an operational amplifier usually necessitates additional
frequency compensation When the closed loop gain of the
op amp with the LM321 is less than the gain of the LM321
alone more compensation is needed The worst case situa-
tion is when there is 100% feedbacksuch as a voltage
follower or integratorand the gain of the LM321 is high
When high closed loop gains are usedfor example AV
1000and only an addition gain of 200 is inserted by the
LM321 the frequency compensation of the op amp will usu-
ally suffice
The frequency compensation shown here is designed to op-
erate with any unity-gain stable op amp
Figure 1 shows the
basic configuration of frequency stabilizing network In oper-
ation the output of the LM321 is rendered single ended by a
001 mF bypass capacitor to ground Overall frequency com-
pensation then is achieved by an integrating capacitor
around the op amp
Bandwidth at unity-gain j
12
2qRSETC
for 05 MHz bandwidth C
4
106RSET
For use with higher frequency op amps such as the LM118
the bandwidth may be increased to about 2 MHz
If the closed loop gain is greater than unity ‘‘C’’ may be
decreased to
C
4
106 ACL RSET
ALTERNATE COMPENSATION
The two compensation capacitors can be made equal for
improved power supply rejection In this case the formula for
the compensation capscitor is
C
8
106 ACL RSET
Table I shows typical values for the two compensating ca-
pacitors for various gains and operating currents
TABLE I
Closed
Current Set Resistor
Loop
Gain
120 kX
60 kX
30 kX
12 kX
6kX
AV
1
68
130
270
680
1300
AV
5
15
27
56
130
270
AV
10
10
15
27
68
130
AV
50
1
3
5
15
27
AV
100
–
1
3
5
10
AV
500
–
–
1
1
3
AV
1000
–
–
–
–
–
This table applies for the LM108 LM101A LM741 LM118
Capacitance is in pF
DESIGN EQUATIONS FOR THE LM321 SERIES
Gain AV
12 c 106
RSET
Null Pot Value should be 10% of RSET
Operating Current
2 c 065V
RSET
Positive Common-Mode Limit
Va b 06 b
065V c 50k
RSET
(
Typical Applications
Offset adjust
See table for frequency compensation
TLH7769 2
FIGURE 1 Low Drift Op Amp Using the LM321A as a Preamp
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com