Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6162J/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6162J/883
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6162J/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6162J/883 Datasheet HTML 1Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 2Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 3Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 4Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 5Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 6Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 7Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 8Page - National Semiconductor (TI) LM6162J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH11061
September 1995
LM6162LM6262LM6362
High Speed Operational Amplifier
General Description
The LM6362 family of high-speed amplifiers exhibits an ex-
cellent speed-power product
delivering 300 V ms and
100 MHz gain-bandwidth product (stable for gains as low as
a
2or b1) with only 5 mA of supply current Further power
savings and application convenience are possible by taking
advantage of the wide dynamic range in operating supply
voltage which extends all the way down to a5V
These amplifiers are built with National’s VIPTM (Vertically
Integrated PNP) process which provides fast transistors that
are true complements to the already fast NPN devices This
advanced junction-isolated process delivers high speed per-
formance without the need for complex and expensive di-
electric isolation
Features
Y
High slew rate
300 V ms
Y
High gain-bandwidth product
100 MHz
Y
Low supply current
5 mA
Y
Fast settling time
120 ns to 01%
Y
Low differential gain
k
01%
Y
Low differential phase
k
01
Y
Wide supply range
475V to 32V
Y
Stable with unlimited capacitive load
Y
Well behaved easy to apply
Applications
Y
Video amplifier
Y
Wide-bandwidth signal conditioning for image process-
ing (FAX scanners laser printers)
Y
Hard disk drive preamplifier
Y
Error amplifier for high-speed switching regulator
Connection Diagrams
20-Lead LCC
TLH11061 14
Top View
See NS Package Number E20A
10-Pin Ceramic Flatpak
TLH11061 15
Top View
See NS Package Number W10A
TLH11061 2
See NS Package Number N08E
M08A or J08A
Temperature Range
Package
Drawing
NSC
Military
Industrial
Commercial
b
55 C s TA s a125 C
b
25 C s TA s a85 C0 C s TA s a70 C
LM6162N
LM6262N
LM6362N
8-Pin Molded DIP
N08E
LM6162J883
8-Pin Ceramic DIP
J08A
5962-9216501PA
LM6262M
LM6362M
8-Pin Molded Surface Mt
M08A
LM6162E883
20-Lead LCC
E20A
5962-92165012A
LM6162W883
10-Pin Ceramic Flatpak
W10A
5962-9216501HA
VIPTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD B30M115Printed in U S A


Similar Part No. - LM6162J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J ROCHESTER-LM6161J Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
logo
National Semiconductor ...
LM6161J/883 NSC-LM6161J/883 Datasheet
447Kb / 11P
High Speed Operational Amplifier
logo
Rochester Electronics
LM6161J883 ROCHESTER-LM6161J883 Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
LM6161JB ROCHESTER-LM6161JB Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
More results

Similar Description - LM6162J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
High Speed Operational Amplifier
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
High Speed Operational Amplifier
logo
Linear Technology
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
High Speed Operational Amplifier
LT118A LINER-LT118A Datasheet
499Kb / 8P
High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
High Speed Operational Amplifier
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com