Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK380 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LSK380
Description  3 mm (T1) LED, Non Diffused
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSK380 Datasheet(HTML) 2 Page - OSRAM GmbH

  LSK380_02 Datasheet HTML 1Page - OSRAM GmbH LSK380_02 Datasheet HTML 2Page - OSRAM GmbH LSK380_02 Datasheet HTML 3Page - OSRAM GmbH LSK380_02 Datasheet HTML 4Page - OSRAM GmbH LSK380_02 Datasheet HTML 5Page - OSRAM GmbH LSK380_02 Datasheet HTML 6Page - OSRAM GmbH LSK380_02 Datasheet HTML 7Page - OSRAM GmbH LSK380_02 Datasheet HTML 8Page - OSRAM GmbH LSK380_02 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2002-03-15
2
LS K380, LO K380, LY K380, LG K380, LP K380
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
Anm.:
Die Standardlieferform von Serientypen beinhaltet eine untere bzw. eine obere Familiengruppe oder
mindestens zwei Einzelgruppen.
In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Die technologiebedingte Helligkeits-Streuung der heutigen LED-Herstellprozesse über einen längeren
Fertigungszeitraum (Halbleitermaterial - Chipherstellung - Montageprozess) erlaubt keine Zusage einer
einzelnen Helligkeitsgruppe. Daher müssen mindestens zwei Helligkeitsgruppen vorgesehen werden!
Note: The standard shipping format for serial types includes a lower or upper family group or at least two individual
groups.
No packing unit / tape ever contains more than one luminous intensity group.
Luminosity variations caused by the technology used in current LED manufacturing processes over a
protracted manufacturing period (semiconductor material - chip fabrication - assembly process) mean that it is
not possible to assign LEDs to a single luminous intensity group. For this reason at least two luminous intensity
groups must be provided!
.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F = 15 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS K380-LP
LS K380-N
LS K380-P
LS K380-Q
LS K380-NR
super-red
red clear
11.2 ...
71.0
28.0 ...
45.0
45.0 ...
71.0
71.0 ... 112.0
28.0 ... 180.0
Q62703-Q1768
Q62703-Q0760
Q62703-Q1003
Q62703-Q1004
Q62703-Q2223
LO K380-LP
LO K380-N
LO K380-P
LO K380-Q
LO K380-NR
orange
orange clear
11.2 ...
71.0
28.0 ...
45.0
45.0 ...
71.0
71.0 ... 112.0
28.0 ... 180.0
Q62703-Q1888
Q62703-Q2227
Q62703-Q2228
Q62703-Q2229
Q62703-Q2201
LY K380-LP
LY K380-N
LY K380-P
LY K380-Q
LY K380-NR
yellow
yellow clear
11.2 ...
71.0
28.0 ...
45.0
45.0 ...
71.0
71.0 ... 112.0
28.0 ... 180.0
Q62703-Q1769
Q62703-Q0575
Q62703-Q0576
Q62703-Q3844
Q62703-Q2224
LG K380-LP
LG K380-N
LG K380-P
LG K380-Q
LG K380-NR
green
green clear
11.2 ...
71.0
28.0 ...
45.0
45.0 ...
71.0
71.0 ... 112.0
28.0 ... 180.0
Q62703-Q1770
Q62703-Q0759
Q62703-Q1034
Q62703-Q3193
Q62703-Q2225
LP K380-KN
LP K380-L
LP K380-M
LP K380-N
LP K380-LP
pure green
colorless clear
7.1 ...
45.0
11.2 ...
18.0
18.0 ...
28.0
28.0 ...
45.0
11.2 ...
71.0
Q62703-Q2506
Q62703-Q3215
Q62703-Q2610
Q62703-Q2605
Q62703-Q3217



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com