Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2FE Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2FE
Description  200mA 6.0kV 100nS-- High Voltage Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2FE Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2FE_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL2FE
200mA 6.0kV 100nS-- High Voltage Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 1
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
6.0
kV
Average Output Current
IF
Ta=25°C;Resistive Load
200
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
10
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
18
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; atVRRM
15
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
15
pF
HVGT High voltage silicon rectifier diodes is made of
high quality glass passivated chip and high reliability
epoxy resin sealing structure, and through professional
testing equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-308
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.26 grams (approx).


Similar Part No. - 2CL2FE_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FE GETEDZ-2CL2FE Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL2FE_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJA58-06A GETEDZ-ESJA58-06A Datasheet
69Kb / 1P
6.0kV 5mA HIGH VOLTAGE DIODES
HV10G06 GETEDZ-HV10G06_16 Datasheet
463Kb / 2P
10mA 6.0kV 100nS-HIGH VOLTAGE DIODE
HV200F062CL2FE GETEDZ-HV200F062CL2FE Datasheet
66Kb / 1P
6.0kV 200mA HIGH VOLTAGE DIODE
JB06 GETEDZ-JB06 Datasheet
618Kb / 2P
5.0mA 6.0kV 100nS-- High Voltage Diodes
SHV-06EN GETEDZ-SHV-06EN Datasheet
620Kb / 2P
5.0mA 6.0kV 100nS--High Frequency High Voltage Diodes
HV10G06 GETEDZ-HV10G06 Datasheet
619Kb / 2P
10mA 6.0kV 100nS-- High Voltage Diodes
BR6F GETEDZ-BR6F Datasheet
527Kb / 2P
500mA 6.0kV 100nS -High Voltage Medium and High Current Diodes
HV200F04 GETEDZ-HV200F04_17 Datasheet
460Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
HV200F06 GETEDZ-HV200F06_17 Datasheet
460Kb / 1P
200mA 6.0kV 100nS-- High Voltage Diodes
2CL2FD GETEDZ-2CL2FD_17 Datasheet
459Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com