Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5502 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 3 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT5504
3
5504i
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Tests are performed as shown in the configuration of Figure 5.
Note 3: Specifications over the –40
°C to 85°C temperature range are
guaranteed by design, characterization and correlation with statistical
process controls.
ELECTRICAL CHARACTERISTICS T
A = 25°C. VCC = 3V, PLO = –10dBm, unless otherwise noted. (Notes 2, 3)
Note 4: The Linear Dynamic Range is defined as the range over which the
output slope is at least 50% of the average slope from –50dBm to –20dBm.
Note 5: The output voltage is settled to the full specification within 1dB.
Note 6: Refer to Figure 1 and Applications Information.
Note 7: Refer to Pin Functions description.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage at fRF = 2500MHz, fLO = 2260MHz
Linear Dynamic Range (Note 4)
58
70
dB
Output Voltage
Input = –70dBm
0.3
V
Input = –20dBm
1.45
V
Input = 0dBm
1.8
V
Average Slope
Input from –50dBm to –20dBm
16
23
mV/dB
Output Interface
Current Drive Capability
400
µA
Output Noise Spectral Density
At 100KHz
3.9
µV/√Hz
At 10MHz
0.32
µV/√Hz
Output Response Time (Note 5)
RF Input Pin from No Signal to 0dBm
200
ns
Power Up/Down
tON
Turn ON Time (Note 5)
400
ns
Turn OFF Time (Note 5)
4
µs
Input Resistance
30
k
Ω
Enable Turn ON Voltage (Note 7)
0.6 • VCC
V
Disable Turn OFF Voltage (Note 7)
0.4 • VCC
V
Power Supply
VCC
Supply Voltage
2.7
5.25
V
ICC
Supply Current
14.7
22
mA
Shutdown Current
0.2
30
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com