Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG4B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RG4B
Description  Fast Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RG4B Datasheet(HTML) 1 Page - Vishay Siliconix

  RG4B Datasheet HTML 1Page - Vishay Siliconix RG4B Datasheet HTML 2Page - Vishay Siliconix RG4B Datasheet HTML 3Page - Vishay Siliconix RG4B Datasheet HTML 4Page - Vishay Siliconix RG4B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
RG4A to RG4J
Document Number 86076
Rev. 2, 28-Jan-03
Vishay Semiconductors
www.vishay.com
1
17133
Fast Sinterglass Diode
\
Features
• High temperature metallurgically bonded con-
struction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
• 3.0 ampere operation at Tamb = 50 °C with no ther-
mal runaway
• Hermetically sealed package
Mechanical Data
Case: Sintered glass case, G4
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Weight: 1040 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
RG4A
VRRM = 50 V
G4
RG4B
VRRM = 100 V
G4
RG4D
VRRM = 200 V
G4
RG4G
VRRM = 400 V
G4
RG4J
VRRM = 600 V
G4
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive peak reverse
voltage
see electrical characteristics
RG4A
VR =
VRRM
50
V
see electrical characteristics
RG4B
VR =
VRRM
100
V
see electrical characteristics
RG4D
VR =
VRRM
200
V
see electrical characteristics
RG4J
VR =
VRRM
400
V
see electrical characteristics
RG1J
VR =
VRRM
600
V
Maximum average forward rectified current
0.375 " (9.5 mm) lead length at Tamb = 55 °C
IF(AV)
3.0
A
Peak forward surge current
8.3 ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
100
A
Maximum average reverse current
at rated peak reverse voltage Tamb = 25 °C
IR(AV)
2.0
µA
at rated peak reverse voltage Tamb = 100 °C
IR(AV)
100
µA
Operating junction and storage temperature
range
TJ,
TSTG
- 55 to +
175
°C


Similar Part No. - RG4B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RG4B GE-RG4B Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results

Similar Description - RG4B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
RG1A VISHAY-RG1A Datasheet
334Kb / 5P
Fast Sinterglass Diode
28-Jan-03
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com