Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST112 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST112
Description  N-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST112 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST112 Datasheet HTML 1Page - Vishay Siliconix SST112 Datasheet HTML 2Page - Vishay Siliconix SST112 Datasheet HTML 3Page - Vishay Siliconix SST112 Datasheet HTML 4Page - Vishay Siliconix SST112 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J/SST111 Series
Vishay Siliconix
Document Number: 70232
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
160
120
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
On-Resistance vs. Drain Current
100
0
–10
0
200
160
0
rDS
IDSS
rDS @ ID = 1 mA, VGS = 0
IDSS @ VDS = 20 V, VGS = 0
100
0
1
10
100
VGS(off) = –2 V
–4 V
–8 V
TA = 25° C
On-Resistance vs. Temperature
200
–55
25
125
0
–15
85
ID = 1 mA
rDS changes X 0.7%/_C
VGS(off) = –2 V
–4 V
–8 V
Turn-On Switching
5
0
–10
4
3
2
1
0
tr
td(on) @
ID = 3 mA
td(on) @
ID = 12 mA
tr approximately independent of ID
VDD = 5 V, RG = 50 Ω
VGS(L) = –10 V
Turn-Off Switching
30
010
24
18
12
6
0
tf @
VGS(off) = –2 V
tf @
VGS(off) = –8 V
td(off)
td(off) independent of device VGS(off)
VDD = 5 V, VGS(L) = –10 V
Capacitance vs. Gate-Source Voltage
30
–20
24
18
12
6
0
f = 1 MHz
Ciss @ VDS = 0 V
Crss @ VDS = 0 V
0
VGS(off) – Gate-Source Cutoff Voltage (V)
TA – Temperature ( _C)
VGS – Gate-Source Voltage (V)
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
ID – Drain Current (mA)
80
60
40
20
80
40
80
60
40
20
–2
–4
–6
–8
–35
120
80
40
5
45
65
105
–2
–4
–6
–8
24
6
8
–4
–8
–12
–16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com