Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1802 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1802
Description  PLUG for MED427A-1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1802 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1802 Datasheet HTML 1Page - Microsemi Corporation LX1802 Datasheet HTML 2Page - Microsemi Corporation LX1802 Datasheet HTML 3Page - Microsemi Corporation LX1802 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
Carlsbad Division
5973 Aveniva Encinas, Suite 101, Carlsbad 92008, Fax (760) 431-0541
Copyright
 2001
Rev. 0.2b, 2002-06-17
LX1802
"PLUG" for MED427A-1
TARGET DATASHEET
CAR L S B A D D IV IS IO N
A
ABSOLUT E M AXI M U M RA T INGS
Voltage potential......................................................................................... 0.0V to +20.0V
ESD Voltage ................................................................................................................. 2kV
Storage Temperature Range(TSTOR)................................................................10°C to 55°C
Storage humidity...............................................................................................10% to 90%
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
KA
PIN
PACKAGE PIN OUT
(Bottom View)
F UNCTIONA L P I N D ESCR IP TION
PIN NAME
PIN NO
16 PIN DIP
DESCRIPTION
IGBT_G
5
Connects to IGBT gate
IGBT_E
6
Connects to IGBT emitter
IN
11
Input AC signal
VDDHI
13
High voltage supply
O
O
EXTERNAL COMPONENTS
EXTERNAL COMPONENTS
Symbol
Value
Tolerance
Function
11
6
13
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com