Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15402 Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK15402
Description  Active High ON/OFF Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15402 Datasheet(HTML) 7 Page - TOKO, Inc

  TK15402 Datasheet HTML 1Page - TOKO, Inc TK15402 Datasheet HTML 2Page - TOKO, Inc TK15402 Datasheet HTML 3Page - TOKO, Inc TK15402 Datasheet HTML 4Page - TOKO, Inc TK15402 Datasheet HTML 5Page - TOKO, Inc TK15402 Datasheet HTML 6Page - TOKO, Inc TK15402 Datasheet HTML 7Page - TOKO, Inc TK15402 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
January 2000 TOKO, Inc.
Page 7
TK15402
L
A
N
I
M
R
E
T
T
I
U
C
R
I
C
T
N
E
L
A
V
I
U
Q
E
L
A
N
R
E
T
N
IN
O
I
T
P
I
R
C
S
E
D
N
I
P
.
O
N
L
O
B
M
Y
SE
G
A
T
L
O
V
1V
C
C
V
C
C
l
a
n
i
m
r
e
t
y
l
p
p
u
s
r
e
w
o
P
2Y
B
D
N
A
T
SV
4
.
1
y
b
d
n
a
t
s
e
h
t
s
i
2
n
i
P
.
l
a
n
i
m
r
e
t
c
i
g
o
l
e
h
t
n
i
s
i
e
c
i
v
e
d
e
h
T
n
i
P
n
e
h
w
e
t
a
t
s
y
b
d
n
a
t
s
e
h
t
o
t
n
w
o
d
d
e
ll
u
p
s
i
2
.
l
e
v
e
l
w
o
l
e
h
t
n
i
s
i
e
c
i
v
e
d
e
h
T
n
e
h
w
e
d
o
m
n
o
i
t
a
r
e
p
o
o
t
d
e
t
c
e
n
n
o
c
s
i
2
n
i
P
.
n
e
p
O
r
o
h
g
i
H
3
7
2
1
1
T
U
P
N
I
+
2
T
U
P
N
I
+
3
T
U
P
N
I
+
-
n
o
n
e
r
a
s
n
i
p
e
s
e
h
T
t
u
p
n
i
g
n
i
t
r
e
v
n
i
.
s
l
a
n
i
m
r
e
t
4
8
1
1
1
T
U
P
N
I
-
2
T
U
P
N
I
-
3
T
U
P
N
I
-
g
n
i
t
r
e
v
n
i
e
r
a
s
n
i
p
e
s
e
h
T
.
s
l
a
n
i
m
r
e
t
t
u
p
n
i
5
9
0
1
1
T
U
P
T
U
O
2
T
U
P
T
U
O
3
T
U
P
T
U
O
t
u
p
t
u
o
e
r
a
s
n
i
p
e
s
e
h
T
.
s
l
a
n
i
m
r
e
t
e
r
a
s
n
i
p
e
s
e
h
T
5
7
e
v
i
r
d
o
t
e
l
b
a
li
a
v
a
Ω
5
7
+
Ω
.
s
d
a
o
l
6D
N
GD
N
Gl
a
n
i
m
r
e
t
D
N
G
VCC
200 k
5 k
VCC
VCC
VCC
PIN FUNCTION DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com