Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP797GA Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP797GA
Description  6 pin DIP (DIP6)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797GA Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP797GA Datasheet HTML 1Page - Toshiba Semiconductor TLP797GA Datasheet HTML 2Page - Toshiba Semiconductor TLP797GA Datasheet HTML 3Page - Toshiba Semiconductor TLP797GA Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP797GA
2001-06-13
2/4
MAXIMUM RATINGS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >
= 25°C)
DIF/°C
-0.5
mA/°C
Peak Forward Current (100
ms pulse, 100 pps)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
400
V
A Connection
120
B Connection
120
On-State Current
C Connection
ION
240
mA
A Connection
-1.2
B Connection
-1.2
On-State Current Derating
(Ta >
= 25°C)
C Connection
DION/°C
-2.4
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
-55~125
°C
Operating Temperature Range
Topr
-40~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. <
= 60%) (NOTE1)
BVS
5000
Vrms
(NOTE1) :
Device considered a two-terminal device : Pins 1, 2 and 3 shorted together, and
pins 4, 5 and 6 shorted together.
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
¾
¾
320
V
Forward Current
IF
5
7.5
25
mA
On-State Current
ION
¾
¾
120
mA
Operating Temperature
Topr
-20
¾
65
°C
CIRCUIT CONNECTIONS
1
2
3
6
5
4
AC
or
DC
LOAD
1
2
3
6
5
4
DC
LOAD
1
2
3
6
5
4
DC
LOAD
A Connection
B Connection
C Connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com