Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW031A Datasheet(PDF) 18 Page - STMicroelectronics

Part # M68AW031A
Description  256 Kbit (32K x8) 3.0V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW031A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M68AW031A Datasheet HTML 11Page - STMicroelectronics M68AW031A Datasheet HTML 12Page - STMicroelectronics M68AW031A Datasheet HTML 13Page - STMicroelectronics M68AW031A Datasheet HTML 14Page - STMicroelectronics M68AW031A Datasheet HTML 15Page - STMicroelectronics M68AW031A Datasheet HTML 16Page - STMicroelectronics M68AW031A Datasheet HTML 17Page - STMicroelectronics M68AW031A Datasheet HTML 18Page - STMicroelectronics M68AW031A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
M68AW031A
18/19
REVISION HISTORY
Table 13. Document Revision History
Date
Version
Revision Details
January 2002
1.0
First Issue
07-Feb-2002
2.0
TSOP28 Package Order Code clarified
08-Feb-2002
3.0
AC Measurement Load Circuit clarified (Figure 8)
06-Mar-2002
4.0
Document status changed to Data Sheet
20-May-2002
5.0
Absolute Maximum Ratings table clarified (Table 2)
Operating and AC Measurement Conditions table clarified (Table 3)
DC Characteristics table clarified (Table 5)
Low VCC Data Retention AC Waveforms and Characteristics table clarified (Figure 14,
Table 3)
01-Jun-2002
6.0
TSOP28 8x13.4mm Standard pinout added (Figure 5, Table 12)
Block Diagram clarified (Figure 6)
TA clarified in Absolute Maximum Ratings (Table 2)
Operating and AC Measurement Conditions table clarified (Table 3)
ICC2 Max added in DC Characteristics (Table 5)
tPD, tPU clarified in Read and Standby Mode AC Characteristics (Table 7)
tWLEH, tWLWH clarified in Write Mode AC Characteristics (Table 8)
09-Sep-2002
6.1
Load Capacitance (CL ) changed from 100pF to 30pF (Table 3)
02-Oct-2002
6.2
New part number added.
09-Oct-2002
6.3
Part number modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com