Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5744-TGS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T5744-TGS
Description  UHF ASK Receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5744-TGS Datasheet(HTML) 2 Page - ATMEL Corporation

  T5744-TGS Datasheet HTML 1Page - ATMEL Corporation T5744-TGS Datasheet HTML 2Page - ATMEL Corporation T5744-TGS Datasheet HTML 3Page - ATMEL Corporation T5744-TGS Datasheet HTML 4Page - ATMEL Corporation T5744-TGS Datasheet HTML 5Page - ATMEL Corporation T5744-TGS Datasheet HTML 6Page - ATMEL Corporation T5744-TGS Datasheet HTML 7Page - ATMEL Corporation T5744-TGS Datasheet HTML 8Page - ATMEL Corporation T5744-TGS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
T5744
4521B–RKE–01/03
Pin Configuration
Figure 2. Pinning SO20 and SSO20
Pin Description
Pin
Symbol
Function
1
BR_0
Baud rate select LSB
2
BR_1
Baud rate select MSB
3
CDEM
Lower cut-off frequency data filter
4
AVCC
Analog power supply
5
AGND
Analog ground
6
DGND
Digital ground
7
MIXVCC
Power supply mixer
8
LNAGND
High-frequency ground LNA and mixer
9LNA_IN
RF input
10
n.c.
Not connected
11
LFVCC
Power supply VCO
12
LF
Loop filter
13
LFGND
Ground VCO
14
XTO
Crystal oscillator
15
DVCC
Digital power supply
16
MODE
Selecting 433.92 MHz /315 MHz
Low: 315 MHz (USA)
High: 433.92 MHz (Europe)
17
RSSI
Output of the RSSI amplifier
18
TEST
Test pin, during operation at GND
19
ENABLE
Selecting operation mode
Low: sleep mode
High: receiving mode
20
DATA
Data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com