Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT34RC02SP2ITE13 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT34RC02SP2ITE13
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02SP2ITE13 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT34RC02SP2ITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 14Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 15Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CAT34RC02
13
Doc No. 1052, Rev. I
8-LEAD TSSOP (U, Y)
7.72 TYP
4.16 TYP
(1.78 TYP)
0.42 TYP
0.65 TYP
LAND PATTERN RECOMMENDATION
-A-
-B-
3.2
6.4
A
B
C
0.2
8
5
3.0 + 0.1
4.4 + 0.1
ALL LEAD TIPS
PIN #1 IDENT.
1
4
ALL LEAD TIPS
1.1 MAX TYP
0.1 C
(0.9)
0.10 + 0.05 TYP
0.19 - 0.30 TYP
0.3 M A B S C S
0.65 TYP
SEE DETAIL A
0.09 - 0.20 TYP
0.6+0.1
SEATING PLANE
GAGE PLANE
0.25
0
o- 8o
DETAIL A
-C-
Notes:
1.
Lead coplanarity is 0.004" (0.102mm) maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com