Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0807LCJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0807LCJ
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0807LCJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC0807LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0807LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Supply Voltage
VCC
a
18 VDC
VEE
b
18 VDC
Digital Input Voltage V5 – V12
b
10 VDC to a18 VDC
Applied Output Voltage VO
b
11 VDC to a18 VDC
Reference Current I14
5mA
Reference Amplifier Inputs V14 V15
VCC VEE
Power Dissipation (Note 3)
1000 mW
ESD Susceptibility (Note 4)
TBD
Storage Temperature Range
b
65 Cto a150 C
Lead Temp (Soldering 10 seconds)
Dual-In-Line Package (Plastic)
260 C
Dual-In-Line Package (Ceramic)
300 C
Surface Mount Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
Operating Ratings
Temperature Range
TMIN s TA s TMAX
DAC0808LC Series
0 sTA s a75 C
Electrical Characteristics
(VCC
5V VEE
b
15 VDC VREF R14
2 mA DAC0808 TA
b
55 Cto a125 C DAC0808C DAC0807C DAC0806C TA
0 Cto a75 C and all digital inputs at high logic level unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Er
Relative Accuracy (Error Relative
(Figure 4)
%
to Full Scale IO)
DAC0808LC (LM1408-8)
g
019
%
DAC0807LC (LM1408-7) (Note 5)
g
039
%
DAC0806LC (LM1408-6) (Note 5)
g
078
%
Settling Time to Within
LSB
TA 25 C (Note 6)
150
ns
(Includes tPLH)
(Figure 5)
tPLH tPHL
Propagation Delay Time
TA
25 C
(Figure 5)
30
100
ns
TCIO
Output Full Scale Current Drift
g
20
ppm C
MSB
Digital Input Logic Levels
(Figure 3)
VIH
High Level Logic ‘‘1’’
2
VDC
VIL
Low Level Logic ‘‘0’’
08
VDC
MSB
Digital Input Current
(Figure 3)
High Level
VIH
5V
0
0040
mA
Low Level
VIL
08V
b
0003
b
08
mA
I15
Reference Input Bias Current
(Figure 3)
b
1
b
3
m
A
Output Current Range
(Figure 3)
VEE
b
5V
0
20
21
mA
VEE
b
15V TA
25 C
0
20
42
mA
IO
Output Current
VREF
2000V
R14
1000X
(Figure 3)
19
199
21
mA
Output Current All Bits Low
(Figure 3)
04
m
A
Output Voltage Compliance (Note 2)
Er s 019% TA
25 C
VEE b5V IREF 1mA
b
055 a04
VDC
VEE Below b10V
b
50 a04
VDC
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com