Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3222EB
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP3222EB Datasheet HTML 1Page - Sipex Corporation SP3222EB Datasheet HTML 2Page - Sipex Corporation SP3222EB Datasheet HTML 3Page - Sipex Corporation SP3222EB Datasheet HTML 4Page - Sipex Corporation SP3222EB Datasheet HTML 5Page - Sipex Corporation SP3222EB Datasheet HTML 6Page - Sipex Corporation SP3222EB Datasheet HTML 7Page - Sipex Corporation SP3222EB Datasheet HTML 8Page - Sipex Corporation SP3222EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. A Date:12/11/03
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
4
Figure 1. Transmitter Output Voltage vs Load
Capacitance.
Figure 2. Slew Rate vs Load Capacitance.
Figure 3. Supply Current vs Load Capacitance when
Transmitting Data.
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
30
25
20
15
10
5
0
0
500
1000
2000
3000
4000
5000
Load Capacitance (pF)
Slew
+ Slew
T1 at 250Kbps
T2 at 15.6Kbps
All TX loaded 3K // CLoad
Figure 4. Supply Current vs Supply Voltage.
6
4
2
0
-2
-4
-6
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
TxOUT -
TxOUT +
T1 at 250Kbps
T2 at 15.6Kbps
All TX loaded 3K // 1000 pF
Figure 5. Transmitter Output Voltage vs Supply
Voltage.
35
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
250Kbps
125Kbps
20Kbps
T1 at Full Data Rate
T2 at 1/16 Data Rate
All TX loaded 3K // CLoad
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)
T1 at 250Kbps
T2 at 15.6Kbps
All TX loaded 3K // CLoad
16
14
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
1 Transmitter at 250Kbps
1 Transmitter at 15.6Kbps
All transmitters loaded with 3K // 1000pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com