Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1613CMP Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SL1613CMP
Description  WIDEBAND LOG IF STRIP AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1613CMP Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL1613CMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1613CMP Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SL1613
Fig.10 Circuit diagram of low strip
Fig.9 Suitable interstage tuned circuit
Fig.8 Direct coupled amplifiers
OPERATING NOTES
The amplifiers are intended for use directly coupled, as
shown in Fig. 8.
The seventh stage in an untuned cascade will be giving
virtually full output on noise.
Noise may be reduced by inserting a single tuned circuit in
the chain. As there is a large mismatch between stages a
simple parallel or series circuit cannot be used. This choice of
network is also controlled by the need to avoid distorting the
logarithmic law: the network must give unity voltage transfer at
resonance. A suitable network is shown in Fig. 9. The value of
C1 must be chosen so that at resonance its admittance equals
the total loss conductance across the tuned circuit. Resistor
R1 may be introduced to improve the symmetry of filter
response, providing other values are adjusted for unity gain at
resonance.
A single capacitor may not be suitable for decoupling the
output line if many stages and fast rise times are required.
Values of supply line decoupling capacitor required for
untuned cascades are given below. Smaller values can be
used in high frequency tuned cascades.
The amplifiers have been provided with two ground leads to
avoid the introduction of common ground lead inductance
between input and output circuits. The equipment designer
should take care to avoid the subsequent introduction of such
inductance.
The on-chip 500pF supply decoupling capacitor has a
resistance of, typically 10
Ω. It is a junction type having a low
breakdown voltage and consequently the positive supply
current will increase rapidly if the supply voltage exceeds
7.5V. (See Absolute Maximum Ratings).
Number of stages
6 or more
5
4
3
Minimum capacitance
30nF
10nF
3nF lnF
Centre frequency
60MHz
Dynamic Range
-75dBm to +15dBm
Video rise time
70nSec
Bandwidth
approx. 20MHz
Output voltage
0 - 1.5V
Typical log accuracy
±2dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com