Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3441VT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MGSF3441VT1
Description  TMOS Single P-channel Field Effect Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3441VT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MGSF3441VT1 Datasheet HTML 1Page - Motorola, Inc MGSF3441VT1 Datasheet HTML 2Page - Motorola, Inc MGSF3441VT1 Datasheet HTML 3Page - Motorola, Inc MGSF3441VT1 Datasheet HTML 4Page - Motorola, Inc MGSF3441VT1 Datasheet HTML 5Page - Motorola, Inc MGSF3441VT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MGSF3441VT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 7. Source–Drain Diode Forward Voltage
Figure 8. On–Resistance versus
Gate–to–Source Voltage
Figure 9. Threshold Voltage
Figure 10. Single Pulse Power
Figure 11. Normalized Thermal Transient Impedance, Junction–to–Ambient
0.75
0
VSD, SOURCE–TO–DRAIN VOLTAGE (V)
20
10
VGS, GATE–TO–SOURCE VOLTAGE (V)
0
0.12
0.06
0
–50
TJ, TEMPERATURE (°C)
0.4
0.3
0.2
0.1
0
–0.1
TIME (sec)
0.1
0.01
20
16
12
8.0
0
150
1.0
0.25
0.50
1.00
1.25
2.0
4.0
6.0
8.0
0.18
0.24
0.30
–25
0
25
50
1.0
10
4.0
1.50
TJ = 150°C
TJ = 25°C
ID = 3.3 A
–0.2
75
100
125
ID = 250 mA
SQUARE WAVE PULSE DURATION (sec)
0.0001
0.01
0.1
1.0
10
30
0.1
0.01
2.0
1.0
0.001
1. DUTY CYCLE, D = t1/t2
2. PER UNIT BASE =
RthJA = 62.5°C/W
3. TJM – TA = PDMZthJA(t)
4. SURFACE MOUNTED
PDM
t1
t2
NOTES:
SINGLE PULSE
DUTY CYCLE = 0.5
0.02
0.05
0.1
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com