Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3441VT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MGSF3441VT3
Description  TMOS Single P-channel Field Effect Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3441VT3 Datasheet(HTML) 1 Page - Motorola, Inc

  MGSF3441VT3 Datasheet HTML 1Page - Motorola, Inc MGSF3441VT3 Datasheet HTML 2Page - Motorola, Inc MGSF3441VT3 Datasheet HTML 3Page - Motorola, Inc MGSF3441VT3 Datasheet HTML 4Page - Motorola, Inc MGSF3441VT3 Datasheet HTML 5Page - Motorola, Inc MGSF3441VT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Information
Low rDS(on) Small-Signal MOSFETs
TMOS Single P-Channel
Field Effect Transistors
Part of the GreenLine
™ Portfolio of devices with energy–
conserving traits.
These miniature surface mount MOSFETs utilize Motorola’s High
Cell Density, HDTMOS process. Low rDS(on) assures minimal
power loss and conserves energy, making this device ideal for use
in small power management circuitry. Typical applications are
dc–dc converters, power management in portable and battery–
powered products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
• Low rDS(on) Provides Higher Efficiency and Extends Battery Life
• Miniature TSOP 6 Surface Mount Package Saves Board Space
• Visit our Web Site at http://www.mot–sps.com/ospd
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 8.0
Vdc
Drain Current — Continuous @ TA = 25°C
— Pulsed Drain Current (tp ≤ 10 µs)
ID
IDM
3.3
20
A
Total Power Dissipation @ TA = 25°C Mounted on FR4 t  5 sec
PD
2.0
W
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction–to–Ambient
R
θJA
128
°C/W
Maximum Lead Temperature for Soldering Purposes, for 10 seconds
TL
260
°C
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MGSF3441VT1
7
″
8 mm embossed tape
3000
MGSF3441VT3
13
″
8 mm embossed tape
10,000
GreenLine is a trademark of Motorola, Inc.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MGSF3441VT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CASE 318G–02, Style 1
TSOP 6 PLASTIC
MGSF3441VT1
P–CHANNEL
ENHANCEMENT–MODE
TMOS MOSFET
rDS(on) = 78 mΩ (TYP)
Motorola Preferred Device
™
D
D
D
G
D
S
DRAIN
3
GATE
SOURCE
4
6
5
2
1
© Motorola, Inc. 1997
™


Similar Part No. - MGSF3441VT3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MGSF3441VT1G VBSEMI-MGSF3441VT1G Datasheet
439Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MGSF3441VT3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
PMBFJ174 PHILIPS-PMBFJ174 Datasheet
34Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Motorola, Inc
MTM45N05E MOTOROLA-MTM45N05E Datasheet
1Mb / 6P
TMOS IV POWER FIELD EFFECT TRANSISTORS
MTM50N05 MOTOROLA-MTM50N05 Datasheet
224Kb / 6P
TMOS IV POWER FIELD EFFECT TRANSISTORS
MMBF2201PT1 MOTOROLA-MMBF2201PT1 Datasheet
132Kb / 6P
LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
logo
New Jersey Semi-Conduct...
2N3993 NJSEMI-2N3993 Datasheet
136Kb / 1P
P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
logo
ON Semiconductor
MMDF4207 ONSEMI-MMDF4207 Datasheet
211Kb / 11P
Dual P-Channel Field Effect Transistors
May, 2013 ??Rev. 3
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
P-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com