Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC299 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC299
Description  8-Bit TRI-STATEÉ Universal Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC299 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54HC299 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05 to a70V
DC Input Voltage (VIN)
b
15 to VCCa15V
DC Output Voltage (VOUT)
b
05 to VCCa05V
Clamp Diode Current (ICD)
g
20 mA
DC Output Current per pin (IOUT)
g
25 mA (QA’ QH’)
g
35 mA (others)
DC VCC or GND Current per pin (ICC)
g
70 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temp (TL) (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
V
DC Input or Output Voltage
VCC
V
VIN VOUT
Operating Temp Range (TA)
MMHC
b
a
C
MMHC
b
a
C
Input Rise or Fall Times
VCC
V
tr tf
ns
VCC
V
ns
VCC
V
ns
DC Electrical Characteristics (Note 4)
TA 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA b40 to 85 CTA b55 to 125 C Units
Typ
Guaranteed Limits
VIH
Minimum High Level Input
V
V
Voltage
V
V
V
V
VIL
Maximum Low Level Input
V
V
Voltage
V
V
V
V
VOH
Minimum High Level
VIN VIH or VIL
Output Voltage
lIOUTls mA
V
V
V
V
V
V
QA
QH Outputs
VIN VIH or VIL
V
lIOUTls
mA
V
V
lIOUTls
mA
V
V
AQA thru HQH Outputs
VIN VIH or VIL
V
lIOUTls
mA
V
V
lIOUTls
mA
V
V
VOL
Maximum Low Level
VIN VIH or VIL
Output Voltage
lIOUTls mA
V
V
V
V
V
V
QA and QH Outputs
VIN VIH or VIL
V
lIOUTls mA
V
V
lIOUTls
mA
V
V
AQA thru HQH Outputs
VIN VIH or VIL
V
lIOUTls mA
V
V
lIOUTls
mA
V
V
IIN
Maximum Input Current
VIN VCC or GND
V
g
g
g
m
A
IOZ
Maximum TRISTATE Output
VOUT VCC or
V
g
g
g
m
A
GND
Leakage Currrent
G
VIH
ICC
Maximum Quiescent Supply
VIN VCC or GND
V
m
A
Current
IOUT
m
A
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package
12 mW C from 65 Cto85 C ceramic ‘‘J’’ package
12 mW C from 100 Cto125 C
Note 4
For a power supply of 5V g10% the worst-case output voltages (VOH and VOL) occur for HC at 45V Thus the 45V values should be used when
designing with this supply Worst-case VIH and VIL occur at VCC 55V and 45V respectively (The VIH value at 55V is 385V) The worst-case leakage current (IIN
ICC and IOZ) occur for CMOS at the higher voltage and so the 60V values should be used
VIL limits are currently tested at 20% of VCC The above VIL specification (30% of VCC) will be implemented no later than Q1 CY’89
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com