Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5521 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5521
Description  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5521 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5521 Datasheet HTML 1Page - Cirrus Logic CS5521 Datasheet HTML 2Page - Cirrus Logic CS5521 Datasheet HTML 3Page - Cirrus Logic CS5521 Datasheet HTML 4Page - Cirrus Logic CS5521 Datasheet HTML 5Page - Cirrus Logic CS5521 Datasheet HTML 6Page - Cirrus Logic CS5521 Datasheet HTML 7Page - Cirrus Logic CS5521 Datasheet HTML 8Page - Cirrus Logic CS5521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
CS5521/22/23/24/28
4
DS317F2
LIST OF FIGURES
Figure 1. Continuous Running SCLK Timing (Not to Scale) ......................................................... 12
Figure 2. SDI Write Timing (Not to Scale) ..................................................................................... 12
Figure 3. SDO Read Timing (Not to Scale) ................................................................................... 12
Figure 4. Multiplexer Configurations.............................................................................................. 13
Figure 5. Input Models for AIN+ and AIN- pins, £(100 mV Input Ranges...................................... 14
Figure 6. Input Models for AIN+ and AIN- pins, >100 mV input ranges ........................................ 14
Figure 7. Input Ranges Greater than 5 V ...................................................................................... 16
Figure 8. Input Model for VREF+ and VREF- Pins........................................................................ 16
Figure 9. CS5523/24 Register Diagram ........................................................................................ 17
Figure 10. Command and Data Word Timing................................................................................ 25
Figure 11. Self Calibration of Offset (Low Ranges)....................................................................... 32
Figure 12. Self Calibration of Offset (High Ranges) ...................................................................... 32
Figure 13. Self Calibration of Gain (All Ranges) ........................................................................... 32
Figure 14. System Calibration of Offset (Low Ranges) ................................................................. 32
Figure 15. System Calibration of Offset (High Ranges) ................................................................ 33
Figure 16. System Calibration of Gain (Low Ranges) ................................................................... 33
Figure 17. System Calibration of Gain (High Ranges) .................................................................. 33
Figure 18. Filter Response (Normalized to Output Word Rate = 1) .............................................. 42
Figure 19. Typical Linearity Error for CS5521/23 .......................................................................... 42
Figure 20. Typical Linearity Error for CS5522/24/28 ..................................................................... 42
Figure 21. CS5522 Configured to use on-chip charge pump to supply NBV ................................ 43
Figure 22. CS5522 Configured for ground-referenced Unipolar Signals....................................... 44
Figure 23. CS5522 Configured for Single Supply Bridge Measurement ....................................... 44
Figure 24. Charge Pump Drive Circuit for VD+ = 3 V.................................................................... 45
Figure 25. Alternate NBV Circuits ................................................................................................. 45
LIST OF TABLES
Table 1. Relationship between Full Scale Input, Gain Factors, and Internal Analog
Signal Limitations ............................................................................................................. 15
Table 2. Command Register Quick Reference.............................................................................. 19
Table 3. Channel-Setup Registers ................................................................................................27
Table 4. Configuration Register..................................................................................................... 30
Table 5. Offset and Gain Registers ............................................................................................... 31
Table 6. Output Coding for 16-bit CS5521/23 and 24-bit CS5522/24/28 ...................................... 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com