Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-522E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-522E
Description  DUAL DIGITS DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A-522E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-522E Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-502X-10, C/A-522X
DUAL DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-502H-10
A-502H-10
GaP
Red
700
2.1
2.8
650
C-502E-10
A-502E-10
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-502G-10
A-502G-10
GaP
Green
565
2.1
2.8
2000
C-502Y-10
A-502Y-10
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-502SR-10
A-502SR-10
GaAlAs
Super Red
660
1.8
2.4
21000
D31
C-522H
A-522H
GaP
Red
700
2.1
2.8
650
C-522E
A-522E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-522G
A-522G
GaP
Green
565
2.1
2.8
2000
C-522Y
A-522Y
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-522SR
A-522SR
GaAlAs
Super Red
660
1.8
2.4
21000
D32
Fig.D31
Fig.D32
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - A-522E

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-5219-09B MOLEX1-A-5219-09B Datasheet
113Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Header, Vertical, with Beveled Plastic Peg, 9 Circuits
logo
List of Unclassifed Man...
A-521E ETC-A-521E Datasheet
92Kb / 1P
SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-521E-N-EP-A PARALIGHT-A-521E-N-EP-A Datasheet
196Kb / 10P
0.52 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-521G ETC-A-521G Datasheet
92Kb / 1P
SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-521G PARALIGHT-A-521G Datasheet
218Kb / 10P
0.52 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - A-522E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-562X ETC-C-562X Datasheet
111Kb / 1P
DUAL DIGITS DISPLAY
A-392G ETC-A-392G Datasheet
107Kb / 1P
DUAL DIGITS DISPLAY
C-562H ETC1-C-562H Datasheet
73Kb / 1P
DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
DUAL DIGITS DISPLAY
A-562H ETC1-A-562H Datasheet
114Kb / 1P
DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
0.3 Inch Dual Digits Display
CSD-424G CHINASEMI-CSD-424G Datasheet
173Kb / 5P
0.4 Inch Dual Digits Display
CSD-424T9 CHINASEMI-CSD-424T9 Datasheet
176Kb / 5P
0.4 Inch Dual Digits Display
CSD-524A9 CHINASEMI-CSD-524A9 Datasheet
175Kb / 5P
0.56 Inch Dual Digits Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com